Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C180BV Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C180BV
Description  Precision 1-18 Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C180BV Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C180BV Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PS8468
05/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C180B
Precision 1-18 Clock Buffer
PCB Layout Suggestion
Note:
This is only a suggested layout. There may be alternate solutions
depending on actual PCB design and layout.
As a general rule, C1-C11 should be placed as close as possible
to their respective VDD.
Recommended capacitor values:
C1-C11 .............. 0.1µF,ceramic
C12 ................. 22µF
C1
C2
C3
C4
C5
C6
Ferrite Bead
C11
C10
C8
C7
C9
VCC
C12
22uF
Via to GND Plane
Via to VDD Plane
Void in Power Plane
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VSS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com