Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC7640LT Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAC7640LT
Description  Enhanced QE Global Shutter Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7640LT Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAC7640LT Datasheet HTML 3Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 4Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 5Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 6Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 7Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 8Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 9Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 10Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
PixArt Imaging Inc.
PAC7640 Product Datasheet
Enhanced QE Global Shutter Image Sensor
Version 1.1 | 11 Sep 2015 | 41002EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
3.0 Operating Specifications
3.1
Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Unit
Notes
Analog Voltage
VDD28_MAX
-0.3
VDD28+0.3
V
Digital Core Voltage
VDD15_MAX
-0.2
VDD15+0.2
V
I/O Voltage
VDDIO_MAX
-0.3
VDDIO+0.3
V
I/O Pin Input High Voltage
VDDIO_In
-0.3
VDDIO+0.3
V
SCL, SDA
Relative Humidity
RH
0
85
%
Non-condensing, Non-biased.
ESD
ESDHBM
-
2
kV
Class 2 on all pins, as per
human body model. JESD22-
A114E with 15 sec zap interval
Notes:
1.
At room temperature.
2.
Maximum Ratings are those values beyond which damage to the device may occur.
3.
Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability.
4.
Functional operation under absolute maximum-rated conditions is not implied. Functional operation should be restricted to the
Recommended Operating Conditions.
3.2
Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Unit
Notes
Ambient Operating
Temperature
TA
-20
25
70
°C
Operating Temperature at
Junction
TJ
-20
-
70
°C
Stable Image Operating
Temperature at Junction
TSIJ
0
-
50
°C
Analog Supply Voltage
VDD28
2.66
2.8
2.94
V
The max./min. operating
voltage value is including
ripples
Digital Core Voltage
VDD15
1.425
1.5
1.575
V
Digital IO Voltage
VDDIO
1.71
1.8
1.89
V
Efuse Supply Voltage
VDD28_efuse
3.0
3.3
3.6
V
Supply Noise
VN28
-
-
200
mVp-p
VN15
-
-
100
Digital IO Driving Ability
IDDIODR
-
4.5
-
mA
System clock frequency
fsysclk
9.6
9.6
19.2
MHz
System clock duty cycle
fsysdc
45
-
55
%
Frame Rate
FRFullRes
-
-
120
fps
At Full resolution
FRHalfRes
-
-
240
At Half resolution
Notes: PixArt does not guarantee performance if any one temperature over the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com