Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S5000 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S5000
Description  TECHNICAL DATA SHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S5000 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
TECHNICAL DATA SHEET
Environmental Specifications By Design
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +150 deg C
Temperature Cycling
MIL-STD-883, Method 101C, Cond B
Hermetic Seal
Gross Leak MIL-STD-883 Method 1014C1/Fine Leak
MIL-STD-883, Method 1014A2, 5 x 10-8 atm cc
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE71S5000
PE71S5000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 35 dB High Isolation SPDT PIN Diode Switch DC to 20 GHz, 4 dB Insertion Loss with SMA
PE71S5000
35 dB High Isolation SPDT PIN Diode Switch DC
to 20 GHz, 4 dB Insertion Loss with SMA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com