Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S5000 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE71S5000
Description  TECHNICAL DATA SHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S5000 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE71S5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
TECHNICAL DATA SHEET
PE71S5000
PE71S5000 REV 1.0
Typical Performance Data
Isolations
Insertion Loss
Return Loss
Isolation Between Ports RF1 and RF2
Input P1dB & P0.1dB Compression Point
Input Third Order Intercept Point
-10
-8
-6
-4
-2
0
0
2
4
6
8
10
12
14
16
18
20
22
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-80
-60
-40
-20
0
0
2
4
6
8
10
12
14
16
18
20
22
RF2 PATH ON
RF1 PATH ON
FREQUENCY (GHz)
-80
-60
-40
-20
0
0
2
4
6
8
10
12
14
16
18
20
22
RF1
RF2
FREQUENCY (GHz)
25
30
35
40
45
50
55
0
2
4
6
8
10
12
14
16
18
20
22
+25 C
+85 C
-55 C
FREQUENCY (GHz)
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
20
22
P1dB
P0.1dB
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
RFC
RF1,RF2 ON
RF1,RF2 OFF
FREQUENCY (GHz)
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 35 dB High Isolation SPDT PIN Diode Switch DC to 20 GHz, 4 dB Insertion Loss with SMA
PE71S5000
35 dB High Isolation SPDT PIN Diode Switch DC
to 20 GHz, 4 dB Insertion Loss with SMA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com