Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6501 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FMS6501
Description  12 Input / 9 Output Video Switch Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6501 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FMS6501 Datasheet HTML 8Page - ON Semiconductor FMS6501 Datasheet HTML 9Page - ON Semiconductor FMS6501 Datasheet HTML 10Page - ON Semiconductor FMS6501 Datasheet HTML 11Page - ON Semiconductor FMS6501 Datasheet HTML 12Page - ON Semiconductor FMS6501 Datasheet HTML 13Page - ON Semiconductor FMS6501 Datasheet HTML 14Page - ON Semiconductor FMS6501 Datasheet HTML 15Page - ON Semiconductor FMS6501 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6501 Rev. 1.0.4
12
Layout Considerations
General layout and supply bypassing play major roles in
high-frequency performance and thermal characteristics.
Fairchild offers a demonstration board, FMS6501DEMO,
to use as a guide for layout and to aid in device testing
and characterization. The FMS6501DEMO is a 4-layer
board with a full power and ground plane. For optimum
results, follow the steps below as a basis for high fre-
quency layout.
■ Include 10µF and 0.1µF bypass capacitors.
■ Place the 10µF capacitor within 0.75 inches of the
power pin.
■ Place the 0.1µF capacitor within 0.1 inches of the
power pin.
■ Connect all external ground pins as tightly as possible,
preferably with a large ground plane under the
package.
■ Layout channel connections to reduce mutual trace
inductance.
■ Minimize all trace lengths to reduce series induc-
tances. If routing across a board, place device such
that longer traces are at the inputs rather than the
outputs.
If using multiple, low-impedance, DC-coupled outputs,
special layout techniques may be employed to help dissi-
pate heat.
If a multilayer board is used, a large ground plane
directly under the device helps reduce package case
temperature.
For dual-layer boards, an extended plane can be used.
Worst-case, additional die power due to DC loading can
be estimated at (Vcc
2/4R
load) per output channel. This
assumes a constant DC output voltage of Vcc/2. For 5V
Vcc with a dual-DC video load, add 25/(4*75) = 83mW,
per channel.
FMS6501 Video Switch Matrix Applications
The increased demand for consumer multimedia sys-
tems has created a challenge for system designers to
provide cost-effective solutions to capitalize on the
growth potential in graphics display technologies. These
applications requires cost-effective video switching and
filtering solutions to deploy high-quality display technolo-
gies rapidly and effectively to the target audience. Areas
of specific interest include HDTV, media centers, and
automotive “infotainment” (includes navigation, in-cabin
entertainment, and back-up camera). In all cases, the
advantages an integrated video switch matrix provides
are high quality video switching specific to the applica-
tion, as well as video input clamps and on-chip, low-
impedance output cable drivers with switchable gain.
Generally the largest application for a video switch is for
the front end of an HDTV, where it takes multiple inputs
and routes them to appropriate signal paths (main pic-
ture and picture in picture - PiP). These are normally
routed into ADCs followed by decoders. There are many
different technologies for HDTV; including LCD, Plasma,
and CRT, with similar analog switching circuitry.
An example of a HDTV application is shown in Figure 14.
This system combines a video switch matrix and two
three-channel switchable anti-aliasing filters. There are
two three-channel signal paths in the system; one for the
main picture, the other for “Picture in Picture” (PiP).
VIPDEMOTM Control Software
The FMS6501 is configured via an I2C-compatible digital
interface. To facilitate demonstration, Fairchild Semicon-
ductor had developed the VIPDEMOTM GUI-based con-
trol software to write to the FMS6501 register map. This
software is included in the FMS6501DEMO kit. Also
included is a parallel port I2C adapter and an interface
cable to connect to the demo board. Besides using the
full FMS6501 interface, the VIPDEMOTM can also be
used to control single-register read and writes for I2C.
Figure 14. HDTV Application using the FMS6501 Video Switch Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com