Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6501 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMS6501
Description  12 Input / 9 Output Video Switch Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6501 Datasheet(HTML) 2 Page - ON Semiconductor

  FMS6501 Datasheet HTML 1Page - ON Semiconductor FMS6501 Datasheet HTML 2Page - ON Semiconductor FMS6501 Datasheet HTML 3Page - ON Semiconductor FMS6501 Datasheet HTML 4Page - ON Semiconductor FMS6501 Datasheet HTML 5Page - ON Semiconductor FMS6501 Datasheet HTML 6Page - ON Semiconductor FMS6501 Datasheet HTML 7Page - ON Semiconductor FMS6501 Datasheet HTML 8Page - ON Semiconductor FMS6501 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
April 2007
FMS6501 Rev. 1.0.4
FMS6501
12 Input / 9 Output Video Switch Matrix with Input Clamp,
Input Bias Circuitry, and Output Drivers
Features
■ 12 x 9 Crosspoint Matrix
■ Supports SD, PS, and HD 1080i/1080p Video
■ Input Clamp / Bias Circuitry
■ AC or DC-Coupled Inputs
■ AC or DC-Coupled Outputs
■ Dual-Load (75Ω) Output Drivers with High-Impedance
Disable
■ One-to-One or One-to-Many Input to Output Switching
■ Programmable Gain: +6, +7, +8, or +9dB
■ I2CTM Compatible Digital Interface, Standard Mode
■ 3.3V or 5V Single-Supply Operation
■ Lead-Free SSOP-28 Package
Applications
■ Cable and Satellite Set-Top Boxes
■ TV and HDTV Sets
■ A/V Switchers
■ Personal Video Recorders (PVR)
■ Security / Surveillance
■ Video Distribution
■ Automotive (In-Cabin Entertainment)
Description
The FMS6501 switch matrix provides flexible options for
today’s video applications. The 12 inputs that can be
routed to any of nine outputs. Each input can be routed
to one or more outputs, but only one input may be routed
to any one output. The input to output routing is con-
trolled via an I2C™-compatible digital interface.
Each input supports an integrated clamp option to set the
output sync tip level of video with sync to ~300mV. Alter-
natively, the input may be internally biased to center sig-
nals without sync (Chroma, Pb, Pr) at ~1.25V. These DC
output levels are for the 6dB gain setting. Higher gain
settings increase the DC output levels accordingly. The
input clamp / bias mode is selected via I2C.
Unused outputs may be powered down to reduce power
dissipation.
Ordering Information
Part Number
Pb-Free
Temperature Range
Package
Container
Quantity
FMS6501MSA28
Yes
-40°C to 85°C
SSOP-28
Rail
47
FMS6501MSA28X
Yes
-40°C to 85°C
SSOP-28
Reel
2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com