Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF511 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # PF511
Description  Large Area InGaAs Photodiode Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PF511 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  PF511 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PF511 Datasheet HTML 2Page - Roithner LaserTechnik GmbH PF511 Datasheet HTML 3Page - Roithner LaserTechnik GmbH PF511 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Safety Information
1. Protection of the product should abide by precautions of electrostatic sensitive organ.
2. When sealing pins soldering irons should be grounded to avoid breakdown.
3. Pins should avoid bend or twist which will bring break or damage.
4. The ferrule of connector is easy to be stained. If necessary, it could be cleaned by
alcohol before using to keep high response.
Order possibilities
Sensitive Area
Package Style
1: Ø 50µm
00: FC with ball lens
2: Ø 75µm
01: FC with GRIN lens
3: Ø 300µm
02: FC with universal adaptor and ball lens
4: Ø 1mm
03: FC with universal adaptor and window cap
5: Ø 2mm
04: Large Area FC package
6: Ø 3mm
7: 3mm x 4mm
Input Power
8: 500µm
1: -70 ~ 0dBm
2: -70 ~ +3dBm
Wavelength Range
3: -70 ~ +10dBm
1: 1µm ~ 1.65µm
4: -50 ~ +20dBm
2: 0.5µm ~ 1.7µm
5: -40 ~ +30dBm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com