Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF511 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PF511
Description  Large Area InGaAs Photodiode Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PF511 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PF511 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PF511 Datasheet HTML 2Page - Roithner LaserTechnik GmbH PF511 Datasheet HTML 3Page - Roithner LaserTechnik GmbH PF511 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PF-Series
Large Area InGaAs Photodiode Series
Description
PF series detectors is consist of InGaAs PIN photodiode with sensitive
area coupled with FC connection by lenses. PF511 is of the high
response within 1.0 -1.65 μm. Diode structure of PF521 type has been
improved so that spectral response can extend to 0.65 - 1.65 μm.
Internal optical attenuator of PF512 and PF513 is used to measure
higher optical power. The highest detectable optical power of PF512
and PF513 can get to 25dBm and 30dBm, respectively.
PF series are mostly applied for optical measurement. User can select
appropriate units according to needed wavelength and linear range.
Key Features
Applications
•
High Response within 1.0 - 1.65µm
•
Low Dark Current
•
Planar Structure
•
Broad Spectral Response
Range 0.65 - 1.65µm
•
Broad Dynamic Range
•
High Reliability
•
FC Connection, Firm Coaxial Package
•
Optical Measurement
•
Optical Detection
•
Online Measuring of Optical Fiber Cable
•
Output Test for Optical Amplifier
•
Data Transmission
Absolute Maximum Rating
Forward Current
10mA
Optical Current
10mA
Reverse Voltage
25V
Power Waste
100mW
Operating Temp.
-40°C ~ +85°C
Storage Temp.
-40°C ~ +85°C
Jointing Condition
260°C for 10 Seconds
Specifications (25°C)
Type
PF511
PF512
PF513
PF521
Units
Wavelength Range
1.0 ~ 1.65
1.0 ~ 1.65
1.0 ~ 1.65
0.5 ~ 1.7
µm
Linear Range (0V)
-70 ~ +10
-55 ~ +25
-40 ~ +30
-70 ~ +10
dBm
Responsibility (0V)
R1310nm:
≥0.80
0.001 ~ 0.003
0.001 ~ 0.003
R850nm: 0.20
A/W
R1550nm:
≥0.85
(λ:1.31µm,1.55µm) (λ:1.31µm,1.55µm) R1310nm: 0.80
R1550nm: 0.85
Dark Current (-5V)
< 5
nA
Capacitance (-5V)
≤12
pF
Photo-Sensitive
Diameter
300
µm
Inserting Deviation
±0.1
dB


Similar Part No. - PF511

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PF5102 FAIRCHILD-PF5102 Datasheet
26Kb / 3P
N-Channel Switch
PF5102 FAIRCHILD-PF5102_11 Datasheet
131Kb / 3P
N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
N-Channel Switch
logo
Roithner LaserTechnik G...
PF512 ROITHNER-PF512 Datasheet
243Kb / 3P
FC InGaAs Photodiode
logo
NIKO SEMICONDUCTOR CO.,...
PF515BL NIKOSEM-PF515BL Datasheet
199Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PF511

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C30619 PERKINELMER-C30619 Datasheet
255Kb / 5P
Large-Area InGaAs Photodiodes
VTH2090 PERKINELMER-VTH2090 Datasheet
90Kb / 2P
LARGE AREA PIN PHOTODIODE
logo
List of Unclassifed Man...
SU200-01A-TO ETC1-SU200-01A-TO Datasheet
226Kb / 2P
Large Area InGaAs APDs
logo
JDS Uniphase Corporatio...
ETX500T JDSU-ETX500T Datasheet
166Kb / 4P
Large-area InGaAs Photodiodes
logo
Roithner LaserTechnik G...
LAPD-1-06-17-TO46 ROITHNER-LAPD-1-06-17-TO46 Datasheet
453Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-1-09-17-LCC ROITHNER-LAPD-1-09-17-LCC Datasheet
472Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-1-09-17-TO46 ROITHNER-LAPD-1-09-17-TO46 Datasheet
453Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-2-06-17-LCC ROITHNER-LAPD-2-06-17-LCC Datasheet
481Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-2-06-17-TO39 ROITHNER-LAPD-2-06-17-TO39 Datasheet
459Kb / 3P
InGaAs Large Area Photo-Detector
LAPD-3-09-17-LCC ROITHNER-LAPD-3-09-17-LCC Datasheet
388Kb / 3P
InGaAs Large Area Photo-Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com