Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3282EBEA/TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3282EBEA/TR
Description  Intelligent 2.35V to 5.5V RS-232 Transceivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3282EBEA/TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP3282EBEA/TR Datasheet HTML 4Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 5Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 6Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 7Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 8Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 9Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 10Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 11Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Date: 02/24/05
SP3282EB Intelligent +2.35V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
8
— V
SS charge storage — During this phase of the
clock cycle, the positive side of capacitors C
1 and
C
2 are initially charged to VCC. Cl
+ isthenswitched
to GND and the charge in C
1
– is transferred to C
2
–
. Since C
2
+ is connected to V
CC, the voltage poten-
tial across capacitor C
2 is now 2 times VCC.
Phase 2 (Figure 12)
— V
SS transfer — Phase two of the clock
connects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2 to
GND. This transfers a negative generated voltage
to
C
3.
This
generated
voltage
is
regulated to a minimum voltage of -5.5V (V
CC >
3.3V) and -4.0V (V
CC < 3.1V).
Simultaneous with the transfer of the voltage to C
3,
the positive side of capacitor C
1 is switched to VCC
and the negative side is connected to GND.
Phase 3 (Figure 13)
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –VCC in the negative
terminal of C
1, which is applied to the negative side
of capacitor C
2. Since C2
+ is at V
CC, the voltage
potential across C
2 is 2 times VCC.
Phase 4 (Figure 14)
— V
DD transfer — The fourth phase of the clock
connects the negative terminal of C
2 to GND, and
transfers this positive generated voltage across C
2
to C
4, the VDD storage capacitor. This voltage is
regulated to +5.5V (V
CC > 3.3V) and +4.0V
(V
CC<3.1V). At this voltage, the internal oscillator
is disabled. Simultaneous with the transfer of the
voltage to C
4, the positive side of capacitor C1 is
switched to V
CC and the negative side is connected
to GND, allowing the charge pump cycle to begin
again. The charge pump cycle will continue as
long as the operational conditions for theinternal
oscillator are present.
Since both V+ and V– are separately generated
Charge Pump Capacitor Selection
The charge pump capacitors C1-C4 and bypass
C5 can be of any type including ceramic. If
polarized capacitors are used, refer to figure 3
application diagram for proper orientation. The
following chart illustrates the minimum capaci-
tor valve for a given input voltage range.
from V
CC, in a no–load condition V
+ and V– will be
symmetrical. Older charge pump approaches that
generate V– from V+ will show a decrease in the
magnitude of V– compared to V+ due to the
inherent inefficiencies in the design.
The clock rate for the charge pump typically
operatesat500kHz. Theexternalcapacitors should
be 0.22
µF with a 16V working voltage rating for
a V
CC input range of +2.35V to +5.5V.
Figure 11. Charge Pump — Phase 1
VCC
VDD Storage Capacitor
VSS Storage Capacitor
C1
C2
+-
-+
C4
C3
+
-
+
-
-VCC
-VCC
+VCC
V
CC (V)
C1 and C5 (
µF)
C2,C3,C4 (
µF)
3.0 to 3.6
0.1
0.1
4.5 to 5.5
0.047
0.33
2.35 to 5.5
0.22
0.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com