Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3282EBEA/TR Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3282EBEA/TR
Description  Intelligent 2.35V to 5.5V RS-232 Transceivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3282EBEA/TR Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3282EBEA/TR Datasheet HTML 6Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 7Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 8Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 9Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 10Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 11Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 12Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 13Page - Sipex Corporation SP3282EBEA/TR Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Date: 02/24/05
SP3282EB Intelligent +2.35V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
10
AUTO ON-LINE® Circuitry
The SP3282EB device has a patent pending
AUTO ON-LINE® circuitry on board that saves
power in applications such as laptop computers,
palmtop (PDA) computers, and other portable
systems.
The SP3282EB device incorporates an
AUTO ON-LINE® circuit that automatically
enables itself when the external transmitters are
enabled and the cable is connected. Conversely,
the AUTO ON-LINE® circuit also disables most
of the internal circuitry when the device is not
being used and goes into a standby mode where the
device typically draws 1
µA. This function is
controlled by the ONLINE pin. When this pin is
tied to a logic LOW, the AUTO ON-LINE® func-
tion is active. Once active, the device is enabled
until there is no activity on the receiver inputs. The
Table 3. AUTO ON-LINE® Logic
N
W
O
D
T
U
H
S
T
U
P
N
I
E
N
I
L
N
O
T
U
P
N
I
T
A
L
A
N
G
I
S
2
3
2
-
S
R
T
U
P
N
I
R
E
V
I
E
C
E
R
S
U
T
A
T
S
T
U
P
T
U
O
T
X
T
U
OR
X
T
U
O
R
E
V
I
E
C
S
N
A
R
T
S
U
T
A
T
S
H
G
I
H-
S
E
YH
G
I
He
v
i
t
c
Ae
v
i
t
c
A
l
a
m
r
o
N
n
o
i
t
a
r
e
p
O
H
G
I
HH
G
I
HO
NW
O
Le
v
i
t
c
Ae
v
i
t
c
A
l
a
m
r
o
N
n
o
i
t
a
r
e
p
O
H
G
I
HW
O
LO
NW
O
LZ
-
h
g
i
He
v
i
t
c
A
E
N
I
L
-
N
O
O
T
U
A
®
e
d
o
M
W
O
L-
S
E
YH
G
I
HZ
-
h
g
i
HZ
-
h
g
i
Hn
w
o
d
t
u
h
S
W
O
L-
O
NW
O
LZ
-
h
g
i
HZ
-
h
g
i
Hn
w
o
d
t
u
h
S
Figure 16. Stage II of AUTO ON-LINE® Circuitry
STATUS
Delay
Stage
Delay
Stage
Delay
Stage
R1 INACT
R2 INACT
R3 INACT
receiver input typically sees at least +3V, which
are generated from the transmitters at the other end
of the cable with a +5V minimum. When the
external transmitters are disabled or the cable is
disconnected, the receiver inputs will be pulled
down by their internal 5k
Ω resistors to ground.
When this occurs over a period of time, the internal
transmitters will be disabled and the device goes
into a shutdown or standby mode. When ONLINE
is HIGH, the AUTO ON-LINE® mode is disabled.
The AUTO ON-LINE® circuit has two stages:
1) Inactive Detection
2) Accumulated Delay
The first stage, shown in Figure 15, detects an
inactive input. A logic HIGH is asserted on
R
XINACT if the cable is disconnected or the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com