Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE88D2000 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE88D2000
Description  Frequency Multipliers Technical Data Sheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE88D2000 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE88D2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Frequency Dividers Technical Data Sheet
PE88D2000
Frequency Divider, Divide by 2 Prescaler Module,
500 MHz to 18 GHz, Field Replaceable SMA
Output Voltage Waveform,
Pin= 0 dBm, Fout= 882 MHz, T= 25 °C
-200
-150
-100
-50
0
50
100
150
200
23
23.2 23.4 23.6 23.8
24
24.2 24.4 24.6 24.8
25
TIME (nS)
Reverse Leakage, Pin= 0 dBm, T= 25 °C
Output Harmonic Content,
Pin= 0 dBm, T= 25 °C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
Pfeedthru
3rd Harmonic
INPUT FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
0
2
4
6
8
10
12
14
16
18
20
INPUT FREQUENCY (GHz)
Frequency Divider, Divide by 2 Prescaler Module, 500 MHz to 18 GHz, Field Replaceable SMA from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Frequency Divider, Divide by 2 Prescaler Module, 500 MHz to 18 GHz, Field Replaceable SMA
PE88D2000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Frequency Divider, Divide by 2 Prescaler Module, 500 MHz to 18 GHz, Field Replaceable
SMA PE88D2000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com