Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE88D2000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE88D2000
Description  Frequency Multipliers Technical Data Sheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE88D2000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE88D2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
• Divide by 2 Prescaler
• Wide Frequency Band
• GaAs HBT MMIC Technology
• Low Phase Noise -150 dBc/Hz @ 100 kHz offset
• Output Power -4 dBm
• Low Reverse Leakage Level 55 dB typical
• Single +5V Bias Voltage
• Integrated DC Blocking Capacitors
• Hermetically Sealed Module
• Mil Spec Compliant
• Field Replaceable SMA Connectors
• -55°C to +85°C Operating Temperature
Applications
• Electronic Warfare
• Electronic Countermeasures
• Point-To-Point Radio
• Point-To-Multipoint Radio
• VSAT Radios
• Fiber Optic
• Space Systems
• Test Instrumentation
• Telecom Infrastructure
.
Description
The PE88D2000 is a low noise Divide-by-2 Static Prescaler Module that covers a wide input frequency bandwidth from 0.5
GHz to 18 GHz. The design utilizes advanced GaAs HBT MMIC semiconductor technology that produces low additive SSB
phase noise performance with a typical level of -150 dBc/Hz at 100 kHz offset. Additional typical performance includes an
output power level of -4 dBm and reverse leakage up to 55 dB. Input/output ports are matched for 50 ohms and are DC
blocked. The design requires a single +5V DC supply. The compact drop-in package is RoHS compliant and hermetically
sealed with field replaceable SMA connectors. And for added confidence, this rugged package assembly is designed to meet
MIL-STD-883 test conditions for Hermeticity and Temperature Cycle.
Electrical Specifications (TA= 25°C, Vd1 = 5 V, Id1 = 75 mA)
Description
Minimum
Typical
Maximum
Units
Input Frequency (Sine Wave)
0.5
18
GHz
Impedance
50
Ohms
Input Power (CW)
-20
dBm
Output Power
-7
-4
dBm
Reverse Leakage
55
dB
Operating DC Voltage 1
5
V
Operating DC Current 1
75
mA
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Frequency Divider, Divide by 2 Prescaler Module, 500 MHz to 18 GHz, Field Replaceable
SMA PE88D2000
PE88D2000 REV 1.0
Frequency Divider, Divide by 2 Prescaler Module,
500 MHz to 18 GHz, Field Replaceable SMA
Frequency Dividers Technical Data Sheet
PE88D2000


Similar Part No. - PE88D2000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE88D1000 PASTERNACK-PE88D1000 Datasheet
486Kb / 7P
Frequency Dividers Technical Data Sheet
PE88D4000 PASTERNACK-PE88D4000 Datasheet
492Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88D5000 PASTERNACK-PE88D5000 Datasheet
355Kb / 6P
Frequency Multipliers Technical Data Sheet
PE88D8000 PASTERNACK-PE88D8000 Datasheet
494Kb / 7P
Frequency Multipliers Technical Data Sheet
More results

Similar Description - PE88D2000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE88D1000 PASTERNACK-PE88D1000 Datasheet
486Kb / 7P
Frequency Dividers Technical Data Sheet
PE88D4000 PASTERNACK-PE88D4000 Datasheet
492Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88D5000 PASTERNACK-PE88D5000 Datasheet
355Kb / 6P
Frequency Multipliers Technical Data Sheet
PE88D8000 PASTERNACK-PE88D8000 Datasheet
494Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88X2000 PASTERNACK-PE88X2000 Datasheet
466Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88X2001 PASTERNACK-PE88X2001 Datasheet
447Kb / 6P
Frequency Multipliers Technical Data Sheet
PE88X2002 PASTERNACK-PE88X2002 Datasheet
466Kb / 6P
Frequency Multipliers Technical Data Sheet
PE88X2003 PASTERNACK-PE88X2003 Datasheet
482Kb / 6P
Frequency Multipliers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com