Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE88X2000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE88X2000
Description  Frequency Multipliers Technical Data Sheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE88X2000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE88X2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Performance by Frequency
Description
Min.
Typ.
Max.
Units
Frequency Range, Input
GHz
Frequency Range, Output
GHz
Output Power
+11
+16
dBm
Fo Isolation (With Respect To Output Level)
20
dBc
3Fo Isolation (With Respect To Output Level)
20
dBc
Input Return Loss
10
dB
Output Return Loss
10
dB
SSB Phase Noise (100 KHz Offset)
-132
dBc/Hz
Supply Current
82
mA
18 - 29
9 - 14.5
Mechanical Specifications
Size
Length
1.086 in [27.58 mm]
Width
0.85 in [21.59 mm]
Height
0.28 in [7.11 mm]
Weight
0.088 lbs [39.92 g]
Input Connector
Field Replaceable 2.92mm Female
Output Connector
Field Replaceable 2.92mm Female
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +150 deg C
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
PE88X2000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2x Frequency Multiplier Module, 18 GHz to 29 GHz Output Frequency, +11 dBm Output
Power, Field Replaceable 2.92mm PE88X2000
Frequency Multipliers Technical Data Sheet
PE88X2000
2x Frequency Multiplier Module, 18 GHz to 29 GHz Output
Frequency, +11 dBm Output Power, Field Replaceable 2.92mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com