Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE88X2000 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE88X2000
Description  Frequency Multipliers Technical Data Sheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE88X2000 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE88X2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE88X2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Typical Performance Data
Output Power vs.
Temperature @ 3 dBm Drive Level
Output Power vs.
Supply Voltage @ 3 dBm Drive Level
Output Power vs. Drive Level
Isolation @ 3 dBm Drive Level
0
2
4
6
8
10
12
14
16
18
20
17 18 19 20 21 22 23 24 25 26 27 28 29 30
+25C
+85C
-55C
FREQUENCY (GHz)
-30
-20
-10
0
10
20
17 18 19 20 21 22 23 24 25 26 27 28 29 30
Fo
2Fo
3Fo
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
17 18 19 20 21 22 23 24 25 26 27 28 29 30
4.5V
5.0V
5.5V
FREQUENCY (GHz)
-30
-20
-10
0
10
20
17 18 19 20 21 22 23 24 25 26 27 28 29 30
-6dBm
-4dBm
-2dBm
0dBm
2dBm
4dBm
6dBm
FREQUENCY (GHz)
PE88X2000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2x Frequency Multiplier Module, 18 GHz to 29 GHz Output Frequency, +11 dBm Output
Power, Field Replaceable 2.92mm PE88X2000
Frequency Multipliers Technical Data Sheet
PE88X2000
2x Frequency Multiplier Module, 18 GHz to 29 GHz Output
Frequency, +11 dBm Output Power, Field Replaceable 2.92mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com