Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3070EEN/TR Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3070EEN/TR
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3070EEN/TR Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3070EEN/TR Datasheet HTML 6Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 7Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 8Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 9Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 10Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 11Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 12Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 13Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
10
FIGURE 6. RECEIVER PROPAGATION DELAY TEST CIRCUIT & TIMING DIAGRAM
FIGURE 5. DRIVER ENABLE & DISABLE TIMES TEST CIRCUIT & TIMING DIAGRAM
DE
VOL
tLZ
0.25V
VCC OUT
VCC
VOM = (VOL+ VCC)/2
tZL, tZL(SHDN
VCC /2
0
OUT
R
A
B
VID
RE
CL
15pF
tPHL
tPLH
VOL
1.5V
OUT
VOH
A
B
+1V
-1V
GENERATOR
50Ω
S1
RL = 500Ω
OUT
CL = 50pF
D
0 or VCC
Z
Y
DI
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com