Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3070EEN/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP3070EEN/TR
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3070EEN/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP3070EEN/TR Datasheet HTML 8Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 9Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 10Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 11Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 12Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 13Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 14Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 15Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
12
FUNCTION TABLES
)
x
e
l
p
u
D
l
l
u
F
(
E
6
7
0
3
P
S
,
E
3
7
0
3
P
S
,
E
0
7
0
3
P
S
G
N
I
T
T
I
M
S
N
A
R
T
s
t
u
p
n
Is
t
u
p
t
u
O
E
RE
DI
DZ
Y
X1
1
0
1
X1
01
0
00
X
Z
-
h
g
i
H
10
X
n
w
o
d
t
u
h
S
)
x
e
l
p
u
D
l
l
u
F
(
E
6
7
0
3
P
S
,
E
3
7
0
3
P
S
,
E
0
7
0
3
P
S
G
N
I
V
I
E
C
E
R
s
t
u
p
n
It
u
p
t
u
O
E
RE
DB
,
AO
R
0X
V
m
0
5
-
≥
1
0X
V
m
0
0
2
-
≤
0
XX
,
n
e
p
O
d
e
t
r
o
h
S
1
11
X
Z
-
h
g
i
H
10
X
n
w
o
d
t
u
h
S
)
x
e
l
p
u
D
f
l
a
H
(
E
8
7
0
3
P
S
,
E
5
7
0
3
P
S
,
E
2
7
0
3
P
S
G
N
I
T
T
I
M
S
N
A
R
T
s
t
u
p
n
Is
t
u
p
t
u
O
E
RE
DI
DZ
/
BY
/
A
X1
1
0
1
X1
0
1
0
00
X
Z
-
h
g
i
H
10
X
n
w
o
d
t
u
h
S
)
x
e
l
p
u
D
f
l
a
H
(
E
8
7
0
3
P
S
,
E
5
7
0
3
P
S
,
E
2
7
0
3
P
S
G
N
I
V
I
E
C
E
R
s
t
u
p
n
It
u
p
t
u
O
E
RE
DB
,
AO
R
0X
V
m
0
5
-
≥
1
0X
V
m
0
0
2
-
≤
0
XX
d
e
t
r
o
h
s
/
n
e
p
O1
11
X
Z
-
h
g
i
H
10
X
n
w
o
d
t
u
h
S
)
x
e
l
p
u
D
l
l
u
F
(
E
7
7
0
3
P
S
,
E
4
7
0
3
P
S
,
E
1
7
0
3
P
S
G
N
I
T
T
I
M
S
N
A
R
T
s
t
u
p
n
Is
t
u
p
t
u
O
I
DZ
Y
10
1
01
0
)
x
e
l
p
u
D
l
l
u
F
(
E
7
7
0
3
P
S
,
E
4
7
0
3
P
S
,
E
1
7
0
3
P
S
G
N
I
V
I
E
C
E
R
s
t
u
p
n
It
u
p
t
u
O
B
,
AO
R
V
m
0
5
-
≥
1
V
m
0
0
2
-
≤
0
d
e
t
r
o
h
s
/
n
e
p
O1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com