Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4680 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4680
Description  10W High-Efficiency Mono BTL Audio Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4680 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4680 Datasheet HTML 1Page - National Semiconductor (TI) LM4680 Datasheet HTML 2Page - National Semiconductor (TI) LM4680 Datasheet HTML 3Page - National Semiconductor (TI) LM4680 Datasheet HTML 4Page - National Semiconductor (TI) LM4680 Datasheet HTML 5Page - National Semiconductor (TI) LM4680 Datasheet HTML 6Page - National Semiconductor (TI) LM4680 Datasheet HTML 7Page - National Semiconductor (TI) LM4680 Datasheet HTML 8Page - National Semiconductor (TI) LM4680 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
16V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility(Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JC (LD)
2˚C/W
θ
JA (LD)
40˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage (Note 10)
9.0V
≤ V
DD
≤ 14V
Electrical Characteristics for the LM4680 (Note 1)
The following specifications apply for the circuit shown in Figure 1 operating with V
DD = 12V, RL =8
Ω, and f
IN = 1kHz,
unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4680
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7,
8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A, RL =8
Ω
28
52
mA
I
SD
Shutdown Current
V
SHUTDOWN = GND (Note 9)
0.1
mA
A
V
Amplifier Gain
BTL output voltage with respect to input
voltage
30
dB
P
O
Output Power
THD+N = 1% (max)
THD+N = 10%, V
DD = 14V
6
10
5
W
THD+N
Total Harmonic Distortion + Noise
P
OUT =1WRMS
0.2
%
f
BW
Frequency Response Bandwidth
P
OUT = 6W, post filter,
-3dB relative to 1kHz
20
20000
Hz
Hz
η
Efficiency
P
OUT =6W
81
%
éN
Output Noise
A-Weighted Filter, V
IN = 0V,
Input Referred
10
µV
SNR
Signal-to-Noise Ratio
A-Weighted Filter, P
OUT =6W
Input Referred
116
dB
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p,CBYPASS_1 = 10µF,
Input Referred
f = 50Hz
f = 60Hz
f = 100Hz
f = 120Hz
f = 1kHz
99
101
102
102
104
dB
t
WU
Wake-Up time
C
BYPASS = 10µF
600
ms
T
SD
Thermal Shutdown Temperature
170
˚C
˚C
V
SDIH
Shutdown Voltage Input High
4
V (min)
V
SDIL
Shutdown Voltage Input Low
1.5
V (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com