Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4680 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4680
Description  10W High-Efficiency Mono BTL Audio Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4680 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4680 Datasheet HTML 1Page - National Semiconductor (TI) LM4680 Datasheet HTML 2Page - National Semiconductor (TI) LM4680 Datasheet HTML 3Page - National Semiconductor (TI) LM4680 Datasheet HTML 4Page - National Semiconductor (TI) LM4680 Datasheet HTML 5Page - National Semiconductor (TI) LM4680 Datasheet HTML 6Page - National Semiconductor (TI) LM4680 Datasheet HTML 7Page - National Semiconductor (TI) LM4680 Datasheet HTML 8Page - National Semiconductor (TI) LM4680 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Typical Application
LM4680SD Demo Board Bill of Material
Item
Part Description
Package Size
Qty
Ref Designator
Remark
Supplier
1
LM4680SD Audio Amplifier
LLP14
1
U1
2
Cer Cap 0.1µF 16V 10%
0805
1
C4
PCC1812CT-ND
Digi - Key
3
Cer Cap 0.27µF 16V 10%
0805
3
C5, C7, C8
PCC1916CT-ND
Digi - Key
4
Cer Cap 1.0µF 25V 10%
0805
2
C1 - C2
PCC2319CT-ND
Digi - Key
5
Tant Cap 1.0µF 16V 10%
Size = A (3216)
2
C9
399-1583-2-ND
Digi - Key
6
Tant Cap 10.0µF 16V 10%
Size = A (3216)
2
C10
478-1655-2-ND
Digi - Key
7
Tant Cap 10.0µF 16V 10%
Size = A (3216)
1
C3
478-1655-2-ND
Digi - Key
8
Inductor 4922 Series 27µH
SMT
2
L1, L2
DN2218CT-ND
Digi - Key
20095801
FIGURE 1. Typical Audio Amplifier Application Circuit
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com