Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2224YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2224YML
Description  High Efficiency 2MHz PWM Buck Converter with DAC Input and 40mOHM Bypass Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2224YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2224YML Datasheet HTML 1Page - Micrel Semiconductor MIC2224YML Datasheet HTML 2Page - Micrel Semiconductor MIC2224YML Datasheet HTML 3Page - Micrel Semiconductor MIC2224YML Datasheet HTML 4Page - Micrel Semiconductor MIC2224YML Datasheet HTML 5Page - Micrel Semiconductor MIC2224YML Datasheet HTML 6Page - Micrel Semiconductor MIC2224YML Datasheet HTML 7Page - Micrel Semiconductor MIC2224YML Datasheet HTML 8Page - Micrel Semiconductor MIC2224YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel
MIC2224
January 2005
3
M9999-012705
www.micrel.com
Absolute Maximum Rating (Note 1)
Supply Voltage (VIN) ..................................... 0V to 6V
Output Switch Voltage (VSW) ................................. 6V
DAC Input Voltage (VDAC) ................... 0V to Vin+0.3V
Output Switch Current (ISW) ................................ 2.5A
Logic Input Voltage (VEN).................... 0V to VIN+0.3V
Storage Temperature (TS) ............... -65°C to +150°C
Operating Ratings
Supply Voltage (VIN)................................2.7V to 5.5V
Output Voltage (VOUT) ................................0V to 5.5V
DAC Input Voltage (VDAC) ......................... 0.1V to Vin
Junction Temperature Range (TJ) .. -40°C to +125°C
Thermal Resistance
θ
JA MLF .................................................... 60°C/W
Electrical Characteristics
(4)
VIN = VEN = 3.6V;VDAC=0.6V; L = 4.7µH; COUT = 1µF; TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Total Quiescent Current
VDAC = 0.6V VOUT = 2.4V
(regulator on, not switching)
360
450
µA
Shutdown Current
VEN = 0V (regulator off)
1
5
µA
Maximum Duty Cycle
100
%
Regulation
Output Voltage
VDAC = 0.6V, ILOAD =0mA
1.746
1.8
1.854
V
Output Voltage Line Regulation
3.0V
≤ V
IN ≤ 4.5, ILOAD= 10mA
0.05
0.5
%/V
Output Voltage Load Regulation
0mA < IOUT < 500mA
0.2
%
Output
Switch On-Resistance
ISW = -100mA, High-Side Switch
ISW = 100mA , Low-Side Switch
0.55
0.6
0.75
0.85
Ω
Current limit (Peak SW Current)
0.65
0.85
1.6
A
Oscillator
Frequency
1.8
2
2.2
MHz
Enable / UVLO
Enable Pin Threshold
0.5
0.9
1.3
V
Enable Pin Hysteresis
30
mV
Enable Pin Input Current
0.01
1
µA
EN high to 90% VOUT
25
50
µs
Under-Voltage Lockout Threshold
(turn-on)
2.6
2.7
V
UVLO Hysteresis
85
mV
DAC Input
DAC Input Current
0.15
2
µA
Output Voltage/DAC Voltage
(internally set)
3
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com