Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2224YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2224YML
Description  High Efficiency 2MHz PWM Buck Converter with DAC Input and 40mOHM Bypass Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2224YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2224YML Datasheet HTML 1Page - Micrel Semiconductor MIC2224YML Datasheet HTML 2Page - Micrel Semiconductor MIC2224YML Datasheet HTML 3Page - Micrel Semiconductor MIC2224YML Datasheet HTML 4Page - Micrel Semiconductor MIC2224YML Datasheet HTML 5Page - Micrel Semiconductor MIC2224YML Datasheet HTML 6Page - Micrel Semiconductor MIC2224YML Datasheet HTML 7Page - Micrel Semiconductor MIC2224YML Datasheet HTML 8Page - Micrel Semiconductor MIC2224YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel
MIC2224
January 2005
4
M9999-012705
www.micrel.com
Parameter
Condition
Min
Typ
Max
Units
Bypass Switch
Bypass Switch Threshold
DAC Voltage required to enable bypass mode
1.176
1.2
1.224
V
Bypass Switch Hysteresis
35
mV
Bypass Transition Time
Delay from VDAC = 1.2V to VOUT = 0.90VIN
10
µs
Bypass Switch On-Resistance
VIN = 3.0V, IBYPASS = 100mA
40
m
Ω
Bypass Switch Leakage
VDAC < 1.2V
5
µA
Bypass Over-Current Limit
1
1.4
2.5
A
Current Limit Retry Time
32
µs
Current Limit Retry Duty Cycle
12.5
%
Over Temperature Shutdown
Shutdown Temperature
160
°C
Over Temperature Shutdown
Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5k
Ω in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com