Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3930LF Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3930LF
Description  3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3930LF Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3930LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3930LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3930LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3930LF Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
InnerConductorPlatingSpecification
30µin.minimum
Body Material and Plating
Brass, Nickel
BodyPlatingSpecification
100µin.minimum
Dielectric Type
PBT
Connector 2
Type
3/4”-20 Twinax Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
InnerConductorPlatingSpecification
30µin.minimum
Body Material and Plating
Brass, Nickel
BodyPlatingSpecification
100µin.minimum
Dielectric Type
PBT
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE3930LF REV
PE3930LF
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: 3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable Using 100 Ohm PE-S330 Coax,
RoHS PE3930LF
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male
Cable Using 100 Ohm PE-S330 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com