Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3930LF Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3930LF
Description  3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3930LF Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3930LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3930LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3930LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3930LF Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
How to Order
PartNumberConfiguration:
PE3930LF
-
xx
uu
|
|
|
UnitofMeasure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example: PE3930LF-12=12incheslongcable
PE3930LF-100cm = 100 cm long cable
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable Using 100 Ohm PE-S330 Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: 3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable Using 100 Ohm PE-S330 Coax,
RoHS PE3930LF
URL:http://www.pasternack.com/3-4-20-male-3-4-20-male-pe-s330-cable-pe3930lf-p.aspx
PE3930LF REV
PE3930LF
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male
Cable Using 100 Ohm PE-S330 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com