Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7980ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7980ARMZ
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7980ARMZ Datasheet HTML 8Page - Analog Devices AD7980ARMZ Datasheet HTML 9Page - Analog Devices AD7980ARMZ Datasheet HTML 10Page - Analog Devices AD7980ARMZ Datasheet HTML 11Page - Analog Devices AD7980ARMZ Datasheet HTML 12Page - Analog Devices AD7980ARMZ Datasheet HTML 13Page - Analog Devices AD7980ARMZ Datasheet HTML 14Page - Analog Devices AD7980ARMZ Datasheet HTML 15Page - Analog Devices AD7980ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7980
Data Sheet
Rev. F | Page 10 of 26
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, VREF = 5.0 V, VIO = 3.3 V, unless otherwise noted.
Figure 6. Integral Nonlinearity vs. Code, REF = 5 V
Figure 7. Integral Nonlinearity vs. Code, REF = 2.5 V
Figure 8. FFT Plot, REF = 5 V
Figure 9. Differential Nonlinearity vs. Code, REF = 5 V
Figure 10. Differential Nonlinearity vs. Code, REF = 2.5 V
Figure 11. FFT Plot, REF = 2.5 V
1.25
–1.25
0
65536
CODE
1.00
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
–1.00
16384
32768
49152
POSITIVE INL: +0.33 LSB
NEGATIVE INL: –0.39 LSB
1.25
1.00
–1.25
–1.00
0
65536
CODE
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
16384
32768
49152
POSITIVE INL: +0.47 LSB
NEGATIVE INL: –0.26 LSB
0
–180
0500
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
100
200
300
400
fS = 1 MSPS
fIN = 10kHz
SNR = 91.27dB
THD = –114.63dB
SFDR = 110.10dB
SINAD = 91.25dB
1.00
–1.00
0
65536
CODE
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
16384
32768
49152
POSITIVE INL: +0.18 LSB
NEGATIVE INL: –0.21 LSB
1.00
–1.00
0
65536
CODE
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
16384
32768
49152
POSITIVE INL: +0.25 LSB
NEGATIVE INL: –0.22 LSB
0
–180
0500
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
100
200
300
400
fS = 1 MSPS
fIN = 10kHz
SNR = 86.8dB
THD = –111.4dB
SFDR = 105.9dB
SINAD = 86.8dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com