Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7980ARMZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD7980ARMZ
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980ARMZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7980ARMZ Datasheet HTML 20Page - Analog Devices AD7980ARMZ Datasheet HTML 21Page - Analog Devices AD7980ARMZ Datasheet HTML 22Page - Analog Devices AD7980ARMZ Datasheet HTML 23Page - Analog Devices AD7980ARMZ Datasheet HTML 24Page - Analog Devices AD7980ARMZ Datasheet HTML 25Page - Analog Devices AD7980ARMZ Datasheet HTML 26Page - Analog Devices AD7980ARMZ Datasheet HTML 27Page - Analog Devices AD7980ARMZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD7980
Data Sheet
Rev. F | Page 24 of 26
APPLICATIONS INFORMATION
LAYOUT
The printed circuit board (PCB) that houses the AD7980
should be designed so that the analog and digital sections are
separated and confined to certain areas of the board. The pinout of
the AD7980, with all its analog signals on the left side and all its
digital signals on the right side, eases this task.
Avoid running digital lines under the device because these couple
noise onto the die, unless a ground plane under the AD7980 is
used as a shield. Fast switching signals, such as CNV or clocks,
should never run near analog signal paths. Crossover of digital
and analog signals should be avoided.
At least one ground plane should be used. It can be common or
split between the digital and analog section. In the latter case,
the planes should be joined underneath the AD7980 devices.
The AD7980 voltage reference input REF has a dynamic input
impedance and should be decoupled with minimal parasitic
inductances. This is done by placing the reference decoupling
ceramic capacitor close to, ideally right up against, the REF and
GND pins and connecting them with wide, low impedance traces.
Finally, the power supplies VDD and VIO of the AD7980
should be decoupled with ceramic capacitors, typically 100 nF,
placed close to the AD7980 and connected using short and wide
traces to provide low impedance paths and reduce the effect of
glitches on the power supply lines.
An example of a layout following these rules is shown in
Figure 43 and Figure 44.
EVALUATING THE PERFORMANCE OF THE AD7980
Other recommended layouts for the AD7980 are outlined
in the documentation of the evaluation board for the AD7980
(EVAL-AD7980SDZ). The evaluation board package includes
a fully assembled and tested evaluation board, documentation,
and software for controlling the board from a PC via the
EVAL-SDP-CB1Z.
Figure 43. Example Layout of the AD7980 (Top Layer)
Figure 44. Example Layout of the AD7980 (Bottom Layer)
AD7980



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com