Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8704 Datasheet(PDF) 6 Page - Analog Devices

Part # ADD8704
Description  16 V Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8704 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADD8704 Datasheet HTML 2Page - Analog Devices ADD8704 Datasheet HTML 3Page - Analog Devices ADD8704 Datasheet HTML 4Page - Analog Devices ADD8704 Datasheet HTML 5Page - Analog Devices ADD8704 Datasheet HTML 6Page - Analog Devices ADD8704 Datasheet HTML 7Page - Analog Devices ADD8704 Datasheet HTML 8Page - Analog Devices ADD8704 Datasheet HTML 9Page - Analog Devices ADD8704 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADD8704
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (mV)
–9
–7
–5
–3
–1
1357
9
11
0
200
400
500
300
100
600
VS = 16V
Figure 3. Input Offset Voltage, VS = 16 V
TCVOS (
µV/°C)
20
8
0
0
100
10
20
30
40
50
60
70
80
90
18
10
6
2
14
12
4
16
VS = 16V
Figure 4. Input Offset Voltage Drift, VS = 16 V
TEMPERATURE (°C)
–60
–40
–20
–10
–4
–8
–6
2
0
–2
10
8
6
4
0
20
40
60
80
100
A
D
B
C
VS = 16V
VCM = VS/2
Figure 5. Input Bias Current vs. Temperature
COMMON-MODE VOLTAGE (V)
02
4
–10
–4
–6
–8
2
0
–2
10
8
4
6
6
8
10
12
14
16
VS =16V
A
D
B
C
Figure 6. Offset Voltage vs. Common-Mode Voltage
TEMPERATURE (°C)
–60
–40
–20
–1000
–600
–800
–200
–400
400
200
0
0
20
40
60
80
100
A
D
B
C
VS = 16V
Figure 7. Input Bias Current vs. Temperature
TEMPERATURE (°C)
–60
–20
–40
–80
–60
–40
–20
0
20
40
60
80
0
20
40
60
80
100
A
D
B
C
VS = 16V
Figure 8. Input Offset Current vs. Temperature
Rev. 0 | Page 6 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com