Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8704 Datasheet(PDF) 3 Page - Analog Devices

Part # ADD8704
Description  16 V Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8704 Datasheet(HTML) 3 Page - Analog Devices

  ADD8704 Datasheet HTML 1Page - Analog Devices ADD8704 Datasheet HTML 2Page - Analog Devices ADD8704 Datasheet HTML 3Page - Analog Devices ADD8704 Datasheet HTML 4Page - Analog Devices ADD8704 Datasheet HTML 5Page - Analog Devices ADD8704 Datasheet HTML 6Page - Analog Devices ADD8704 Datasheet HTML 7Page - Analog Devices ADD8704 Datasheet HTML 8Page - Analog Devices ADD8704 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADD8704
ELECTRICAL CHARACTERISTICS
Table 2. VS = 16 V, VCM = VS/2, TA @ 25°C, unless otherwise noted
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
2
15
mV
Offset Voltage Drift
∆V
OS
/
∆T
–40°C ≤ TA ≤ +85°C
10
µV/°C
Input Bias Current
IB
200
1100
nA
–40°C ≤ TA ≤ +85°C
1500
nA
Input Offset Current
IOS
10
100
nA
–40°C ≤ TA ≤ +85°C
250
nA
Common-Mode Rejection Ratio
CMRR
–40°C ≤ TA ≤ +85°C
Amp A
VCM = 0 to (VS – 1.7 V)
54
95
dB
Amp B
VCM = 0 to (VS – 1.7 V)
54
95
dB
Amp C
VCM = 0 to VS
54
95
dB
Amp D
VCM = 1.7 V to VS
54
95
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.5 to (VS – 0.5 V)
1
10
V/mV
Input Impedance
ZIN
400
kΩ
Input Capacitance
CIN
1
pF
OUTPUT CHARACTERISTIS
Output Voltage High (A)
VOH
IL = 100 µA
15.985
V
Optimized for Low Swing
IL = 5 mA
15.6
15.75
V
–40°C ≤ TA ≤ +85°C
15.5
V
Output Voltage High (B)
VOH
IL = 100 µA
15.995
V
Optimized for VCOM
IL = 5 mA
15.8
15.9
V
–40°C ≤ TA ≤ +85°C
15.75
V
Output Voltage High (C)
VOH
IL = 100 µA
15.995
V
Optimized for Midrange
IL = 5 mA
15.8
15.9
V
–40°C ≤ TA ≤ +85°C
15.75
V
Output Voltage High (D)
VOH
IL = 100 µA
15.99
V
Optimized for High Swing
IL = 5 mA
15.75
15.85
V
–40°C ≤ TA ≤ +85°C
15.65
V
Output Voltage Low (A)
VOL
IL = 100 µA
20
mV
Optimized for Low Swing
IL = 5 mA
80
200
mV
–40°C ≤ TA ≤ +85°C
300
mV
Output Voltage Low (B)
VOL
IL = 100 µA
5
mV
Optimized for VCOM
IL = 5 mA
50
150
mV
–40°C ≤ TA ≤ +85°C
250
mV
Output Voltage Low (C)
VOL
IL = 100 µA
5
mV
Optimized for Midrange
IL = 5 mA
50
150
mV
–40°C ≤ TA ≤ +85°C
250
mV
Output Voltage Low (D)
VOL
IL = 100 µA
50
mV
Optimized for High Swing
IL = 5 mA
375
500
mV
–40°C ≤ TA ≤ +85°C
600
mV
Continuous Output Current (A and D)
IOUT
15
mA
Continuous Output Current (B and C)
IOUT
35
mA
Peak Output Current (A and D)
IPK
VS = 16 V
50
mA
Peak Output Current (B and C)
IPK
VS = 16 V
200
mA
SUPPLY CHARACTERISTICS
Supply Voltage
VS
4.5
16
V
Power Supply Rejection Ratio
PSRR
VS = 4 V to 17 V, –40°C ≤ TA ≤ +85°C
70
90
dB
Total Supply Current
ISY
VO = VS/2, No Load
2.8
3.4
mA
–40°C ≤ TA ≤ +85°C
4
mA
Rev. 0 | Page 3 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com