Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7690 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7690
Description  400 kSPS PulSAR Differential ADC in MSOP/LFCSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7690 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7690 Datasheet HTML 7Page - Analog Devices AD7690 Datasheet HTML 8Page - Analog Devices AD7690 Datasheet HTML 9Page - Analog Devices AD7690 Datasheet HTML 10Page - Analog Devices AD7690 Datasheet HTML 11Page - Analog Devices AD7690 Datasheet HTML 12Page - Analog Devices AD7690 Datasheet HTML 13Page - Analog Devices AD7690 Datasheet HTML 14Page - Analog Devices AD7690 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD7690
Data Sheet
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
Figure 14. SNR vs. Temperature
Figure 15. SINAD vs. Frequency
Figure 16. THD, SFDR vs. Reference Voltage
Figure 17. THD vs. Temperature
Figure 18. THD vs. Frequency
104
92
2.3
5.5
REFERENCE VOLTAGE (V)
102
100
98
96
94
20
14
19
18
17
16
15
2.7
3.1
3.5
3.9
4.3
4.7
5.1
ENOB
SINAD
SNR
103
95
–55
125
TEMPERATURE (°C)
102
101
100
99
98
97
96
–35
–15
5
25
45
65
85
105
VREF = 5V
105
65
0
200
FREQUENCY (kHz)
50
100
150
VREF = 5V, –10dB
100
95
90
85
80
75
70
VREF = 5V, –1dB
–100
–125
2.3
5.5
REFERENCE VOLTAGE (V)
135
110
2.7
3.1
3.5
3.9
4.3
4.7
5.1
–105
–110
–115
–120
130
125
120
115
THD
SFDR
–90
–130
–55
125
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
VREF = 5V
–100
–110
–120
–60
–130
0
200
FREQUENCY (kHz)
–70
–80
–90
–100
–110
–120
50
100
150
VREF = 5V, –1dB
VREF = 5V, –10dB
Rev. C | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com