Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7690 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7690
Description  400 kSPS PulSAR Differential ADC in MSOP/LFCSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7690 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7690 Datasheet HTML 13Page - Analog Devices AD7690 Datasheet HTML 14Page - Analog Devices AD7690 Datasheet HTML 15Page - Analog Devices AD7690 Datasheet HTML 16Page - Analog Devices AD7690 Datasheet HTML 17Page - Analog Devices AD7690 Datasheet HTML 18Page - Analog Devices AD7690 Datasheet HTML 19Page - Analog Devices AD7690 Datasheet HTML 20Page - Analog Devices AD7690 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AD7690
Data Sheet
Rev. C | Page 16 of 24
POWER SUPPLY
The AD7690 uses two power supply pins: a core supply, VDD, and
a digital input/output interface supply, VIO. VIO allows a direct
interface with any logic between 1.8 V and VDD. To reduce the
number of supplies needed, the VIO and VDD pins can be tied
together. The AD7690 is independent of power supply sequencing
between VIO and VDD. Additionally, it is very insensitive to power
supply variations over a wide frequency range, as shown in Figure 31.
Figure 31. PSRR vs. Frequency
The AD7690 powers down automatically at the end of each
conversion phase and, therefore, the power scales linearly with
the sampling rate. This makes the part ideal for low sampling
rates (even of a few hertz) and low battery-powered applications.
Figure 32. Operating Current vs. Sample Rate
SUPPLYING THE ADC FROM THE REFERENCE
For simplified applications, the AD7690, with its low operating
current, can be supplied directly using the reference circuit
shown in Figure 33. The reference line can be driven by
The system power supply directly.
A reference voltage with enough current output capability,
such as the ADR43x.
A reference buffer, such as the AD8031, which can also
filter the system power supply, as shown in Figure 33.
Figure 33. Example of Application Circuit
DIGITAL INTERFACE
Though the AD7690 has a reduced number of pins, it offers
flexibility in its serial interface modes.
When in CS mode, the AD7690 is compatible with SPI, QSPI™,
digital hosts, and DSPs, for example, Blackfin® ADSP-BF53x or
ADSP-219x. In this mode, the AD7690 can use either a 3-wire
or 4-wire interface. A 3-wire interface using the CNV, SCK, and
SDO signals minimizes wiring connections useful, for instance,
in isolated applications. A 4-wire interface using the SDI, CNV,
SCK, and SDO signals allows CNV, which initiates the conversions,
to be independent of the readback timing (SDI). This is useful
in low jitter sampling or simultaneous sampling applications.
When in chain mode, the AD7690 provides a daisy-chain
feature using the SDI input for cascading multiple ADCs on a
single data line similar to a shift register.
The mode in which the part operates depends on the SDI level
when the CNV rising edge occurs. The CS mode is selected if
SDI is high, and the chain mode is selected if SDI is low. The
SDI hold time is such that when SDI and CNV are connected
together, the chain mode is selected.
In either mode, the AD7690 offers the option of forcing a start
bit in front of the data bits. This start bit can be used as a busy
signal indicator to interrupt the digital host and trigger the data
reading. Otherwise, without a busy indicator, the user must
timeout the maximum conversion time prior to readback.
The busy indicator feature is enabled
In CS mode if CNV or SDI is low when the ADC conversion
ends (see Figure 37 and Figure 41).
In chain mode if SCK is high during the CNV rising edge
(see Figure 45).
95
65
1
10000
FREQUENCY (kHz)
90
85
80
75
70
10
100
1000
1000
10
0.1
0.001
10
1M
SAMPLING RATE (SPS)
100
1k
100k
10k
VDD = 5V
VIO
0.01
1
100
10000
AD8031
AD7690
VIO
REF
VDD
10µF
1µF
10Ω
10kΩ
5V
5V
5V
1µF
1
1OPTIONAL REFERENCE BUFFER AND FILTER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com