Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF310PW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF310PW
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF310PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCVF310PW Datasheet HTML 3Page - Texas Instruments CDCVF310PW Datasheet HTML 4Page - Texas Instruments CDCVF310PW Datasheet HTML 5Page - Texas Instruments CDCVF310PW Datasheet HTML 6Page - Texas Instruments CDCVF310PW Datasheet HTML 7Page - Texas Instruments CDCVF310PW Datasheet HTML 8Page - Texas Instruments CDCVF310PW Datasheet HTML 9Page - Texas Instruments CDCVF310PW Datasheet HTML 10Page - Texas Instruments CDCVF310PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
CDCVF310
SCAS771A – AUGUST 2004 – REVISED AUGUST 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VDD = 3.3 V ±0.3 V (see Figure 2)
tPLH
1
2.8
CLK to Yn
f = 0 MHz to 200 MHz
ns
tPHL
1
2.8
tsk(o)
Output skew (Ym to Yn) (2) (see Figure 4)
100
150
ps
tsk(p)
Pulse skew (see Figure 5)
250
ps
tsk(pp)
Part-to-part skew
350
ps
tr
Rise time
VO = 0.4 V to 2 V
1.3
2.7
V/ns
tf
Fall time
VO = 2 V to 0.4 V
1.3
2.7
V/ns
tsu(en)
Enable setup time, G_high before CLK
↓
0.1
ns
tsu(dis)
Disable setup time, G_low before CLK
↓
0.1
ns
th(en)
Enable hold time, G_high after CLK
↓
0.4
ns
th(dis)
Disable hold time, G_low after CLK
↓
0.4
ns
VDD = 2.5 V ±0.2 V (see Figure 2)
tPLH
1.3
4
CLK to Yn
f = 0 MHz to 200 MHz
ns
tPHL
1.3
4
tsk(o)
Output skew (Ym to Yn) (2) (see Figure 4 )
150
230
ps
tsk(p)
Pulse skew (see Figure 5)
280
ps
tsk(pp)
Part-to-part skew
400
ps
tr
Rise time
VO = 0.4 V to 1.7 V
0.5
1.6
V/ns
tf
Fall time
VO = 1.7 V to 0.4 V
0.5
1.6
V/ns
tsu(en)
Enable setup time, G_high before CLK
↓
0.1
ns
tsu(dis)
Disable setup time, G_low before CLK
↓
0.1
ns
th(en)
Enable hold time, G_high after CLK
↓
0.4
ns
th(dis)
Disable hold time, G_low after CLK
↓
0.4
ns
(1)
All typical values are with respect to nominal VDD.
(2)
The tsk(o) specification is only valid for equal loading of all outputs.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com