Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF310PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF310PW
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF310PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCVF310PW Datasheet HTML 4Page - Texas Instruments CDCVF310PW Datasheet HTML 5Page - Texas Instruments CDCVF310PW Datasheet HTML 6Page - Texas Instruments CDCVF310PW Datasheet HTML 7Page - Texas Instruments CDCVF310PW Datasheet HTML 8Page - Texas Instruments CDCVF310PW Datasheet HTML 9Page - Texas Instruments CDCVF310PW Datasheet HTML 10Page - Texas Instruments CDCVF310PW Datasheet HTML 11Page - Texas Instruments CDCVF310PW Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
fCLK - Clock Frequency - MHz
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
160
180
200
VDD = 2.3 V to 3.6 V
CL(Yn) = No Load
CPD = 32 pF
CO = 10 x 2.6 pF
CI = 3 x 2.5 pF
All Outputs Switching
TA = -405C to 855C
VDD = 3.6 V, No C_Load, TA = -405C
VDD = 2.7 V, No C_Load, TA = -405C
VDD = 3.3 V, No C_Load, TA = 255C
VDD = 2.5 V, No C_Load, TA = 255C
fCLK - Clock Frequency - MHz
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
140
160
180
200
VDD = 2.3 V to 3.6 V
CL(Yn) max = According to Graph
CPD = 32 pF
CO = 10 x 2.6 pF
CI = 3 x 2.5 pF
All Outputs Switching
TA = -405C to 855C
VDD = 3.6 V, TA = -405C
for High-K Material
VDD = 2.7 V, TA = -405C
for High-K Material
CDCVF310
SCAS771A – AUGUST 2004 – REVISED AUGUST 2004
DYNAMIC SUPPLY CURRENT
vs
CLOCK FREQUENCY
Figure 6.
C_LOAD(max) PER OUTPUT PIN Yn
vs
CLOCK FREQUENCY
Figure 7.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com