Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC8100S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SC8100S
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SC8100S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SC8100S Datasheet HTML 1Page - SamHop Microelectronics Corp. SC8100S Datasheet HTML 2Page - SamHop Microelectronics Corp. SC8100S Datasheet HTML 3Page - SamHop Microelectronics Corp. SC8100S Datasheet HTML 4Page - SamHop Microelectronics Corp. SC8100S Datasheet HTML 5Page - SamHop Microelectronics Corp. SC8100S Datasheet HTML 6Page - SamHop Microelectronics Corp. SC8100S Datasheet HTML 7Page - SamHop Microelectronics Corp. SC8100S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
PRODUCT SUMMARY
VSSS
IS
RSS(ON) (m
Ω) Typ
12V
8A
7.1 @ VGS=2.5V
4.6 @ VGS=4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Wafer level CSP.
Dual N-Channel Enhancement Mode Field Effect Transistor
www.samhop.com.tw
Mar,16,2017
1
Details are subject to change without notice.
SC8100S
Green
Product
ESD Protected.
4.8 @ VGS=4.0V
5.7 @ VGS=3.1V
S1
1.61
0.03
S1: Source 1
G1: Gate 1
G2: Gate 2
S2: Source 2
0.65
0.65
6 -
φ 0.31
BOTTOM VIEW
Unit : mm
0.10
0.01
FET1
FET2
Gate 2
Gate 1
Body Diode
Protect
Diode
Source 2
Source 1
Gate
Symbol
VSSS
VGSS
ISP
A
PT
°C
-55 to 150
IS
Units
Parameter
12
8
80
V
V
±8
Gate-Source Voltage
Source-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
Limit
Source Current-Continuous
-Pulsed
c
A
Total Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
W
1.3
a c
0.65
S1
S2
S2
G1
G2
4.9 @ VGS=3.8V
WLCSP
1-pin index mark S1
0.65
0.65
0.65
φ 0.31
LAND PATTERN (REFERENCE)
TOP VIEW
Ver 2.0


Similar Part No. - SC8100S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC810 SEMTECH-SC810 Datasheet
298Kb / 19P
Single Input/Single Mode Single-cell Li-ion Charger
SC810 SEMTECH-SC810 Datasheet
320Kb / 20P
Single Input/Single Mode Single-cell Li-ion Charger
SC810EVB SEMTECH-SC810EVB Datasheet
298Kb / 19P
Single Input/Single Mode Single-cell Li-ion Charger
SC810EVB SEMTECH-SC810EVB Datasheet
320Kb / 20P
Single Input/Single Mode Single-cell Li-ion Charger
SC810ULTRT SEMTECH-SC810ULTRT Datasheet
298Kb / 19P
Single Input/Single Mode Single-cell Li-ion Charger
More results

Similar Description - SC8100S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com