Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6232-01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS6232-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
4
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
Figure 2: Current Reference Circuit
R
IREF
IREF
Reference
Current I
REF
2R
R
Mirror
Current
Additional
Mirror
Current
HOST_N
ISEL_0:1
HOST_P
1.1V
R
P
R
S
R
P
R
S
VDD_I (3.3V)
Table 7: HOST Current Selection
PROGRAM
RESISTOR
RIREF
REFERENCE
CURRENT
IREF
CURRENT
MULTIPLIER
TRACE
IMPEDANCE
OUTPUT
VOLTAGE
60
Ω
0.71V
475
Ω (1%)
2.32mA
IO = 5
× IREF
50
Ω
0.59V
60
Ω
0.85V
475
Ω (1%)
2.32mA
IO = 6
× IREF
50
Ω
0.71V
60
Ω
0.56V
475
Ω (1%)
2.32mA
IO = 4
× IREF
50
Ω
0.47V
60
Ω
0.99V
475
Ω (1%)
2.32mA
IO = 7
× IREF
50
Ω
0.82V
30
Ω
0.75V
221
Ω (1%)
5mA
IO = 5
× IREF
25
Ω
0.62V
30
Ω
0.90V
221
Ω (1%)
5mA
IO = 6
× IREF
25
Ω
0.75V
30
Ω
0.60V
221
Ω (1%)
5mA
IO = 4
× IREF
25
Ω
0.50V
30
Ω
1.05V
221
Ω (1%)
5mA
IO = 7
× IREF
25
Ω
0.84V
NOTE: Shaded row indicates the Primary System Configuration
Table 8: HOST Buffer Clock Output
HIGH DRIVE CURRENT (mA)
AT PRIMARY SYSTEM CONFIGURATION
Output
Voltage (V)
MIN.
TYP.
MAX.
3.30
0.00
0.00
0.00
3.14
-3.03
-4.22
-5.76
2.97
-5.66
-7.68
-9.86
2.81
-7.87
-10.30
-11.85
2.64
-9.67
-11.91
-12.45
2.48
-11.05
-12.56
-12.84
2.31
-11.98
-12.85
-13.16
2.14
-12.52
-13.07
-13.45
1.98
-12.77
-13.26
-13.72
1.81
-12.91
-13.42
-13.96
1.65
-12.99
-13.54
-14.17
1.48
-13.04
-13.64
-14.36
1.32
-13.07
-13.70
-14.52
1.15
-13.08
-13.73
-14.64
0.99
-13.09
-13.75
-14.71
0.82
-13.11
-13.76
-14.74
0.66
-13.12
-13.78
-14.76
0.49
-13.13
-13.79
-14.78
0.33
-13.13
-13.80
-14.80
0.16
-13.14
-13.81
-14.82
0.00
-13.15
-13.82
-14.83
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0123
Output Voltage (V)
30Ω
50Ω
90Ω
Max VOH
Data in this table represents nominal characterization data only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com