Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6232-01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS6232-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
Intel and Pentium are registered trademarks of Intel Corporation. Lexmark is a trademark of Lexmark International, Inc. Non-linear spread spectrum modulation profile is licensed under US Patent
No. 5488627, Lexmark International, Inc. This document contains information on a preproduction product. Specifications and information herein are subject to change without notice.
9.18.00
IntSKS
FS6232
FS6232
FS6232
FS6232
-01
-01
-01
-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
1.0
Features
•
Generates all clocks required for single and two-way
multi-processor (MP) platforms, including:
M Four differential current-mode Host clock pairs
M Four 66.67MHz 3.3V CK66 clock outputs
M Ten 33.3MHz 3.3V PCI clock outputs
M Two 3.3V Memory Reference clock outputs
M Two 48MHz 3.3V CK48 clock outputs
M Two buffered copies of the crystal reference
•
Control of current-mode Host clocks via IREF current
programming pin and ISEL_0:1 current multiplier pins
•
Host clock frequency selection via the SEL_A,
SEL_B, and SEL133/100# pins
•
Active-low PWR_DWN# signal allows one complete
clock cycle on each clock outputs and then shuts
down the crystal oscillator, PLLs, and outputs
•
Spread-spectrum modulation (-0.5% at 31.5kHz) of
SSCG PLL clocks, enabled via SS_EN# input
•
Supports test mode and tristate output control to fa-
cilitate board testing
•
Available in a 56-pin SSOP and TSSOP
Table 1: Clock Parameters
CLOCK
GROUP
#
PINS
SUPPLY
VOLTAGE
SUPPLY
GROUP
FREQ.
(MHz)
PHASE
SKEW
(MAX)
HOST_P
4
0°
HOST_N
4
3.3V
VDD_H
133.33
100.00
180°
150ps
Pair to
Pair
MREF_P
1
0°
MREF_N
1
3.3V
VDD_M
66.67
50.00
180°
-
CK66
4
3.3V
VDD_66
66.67
0°
250ps
PCI
10
3.3V
VDD_P
33.33
0°
300ps
CK48
2
3.3V
VDD_48
48.008
0°
-
REF
2
3.3V
VDD_R
14.318
0°
-
Table 2: Clock Offsets
RELATION
PHASE
MIN
TYP
MAX
CK66 leads PCI
0°
1.5ns
3.5ns
Figure 1: Block Diagram
Crystal
Oscillator
XOUT
XIN
PWR_DWN#
FS6232
CK66_0:3
adjust
IREF
REF_0:1
VDD_R
VSS_R
ISEL_0:1
÷3
÷4
÷4
VSS_M
VDD_M
MREF_P
MREF_N
VDD_66
VSS_66
÷1
÷2
VSS_H
VDD_H
HOST_P1:4
HOST_N1:4
SEL133/100#
SEL_A:B
PCI_0:9
÷2
VDD_P
VSS_P
CK48_0:1
VDD_48
VSS_48
delay
PLL
SSCG
PLL
Control
SS_EN#
Figure 2: Pin Configuration
1
48
2
3
4
5
6
7
8
47
46
45
44
43
42
41
REF_0 / ISEL_0
VDD_R
VSS_R
XOUT
VSS_P
9
10
11
12
13
14
15
16
CK66_3
VSS_66
SEL133/100#
VSS
17
18
19
20
21
22
23
MREF_P
MREF_N
40
39
38
37
36
35
34
33
SS_EN#
HOST_N1
VSS_H
HOST_P2
32
31
30
29
IREF
24
VDD
HOST_P1
28
27
26
25
XIN
VSS_M
HOST_N2
VDD_66
PWR_DWN#
VDD_H
HOST_N4
HOST_P4
HOST_N3
HOST_P3
VDD_H
VDD_P
49
50
52
51
53
54
56
55
REF_1 / ISEL_1
PCI_0
PCI_1
PCI_2
PCI_3
VSS_P
VDD_P
PCI_4
PCI_5
PCI_6
PCI_7
VSS_P
VDD_P
PCI_8
PCI_9
VDD_48
CK48_0 / SEL_A
CK48_1 / SEL_B
VSS_48
CK66_2
CK66_1
CK66_0
VDD_66
VSS_66
VSS_H
VDD_M


Similar Part No. - FS6232-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
DUAL PLL VCXO CLOCK GENERATOR IC
FS6209-01 ETC-FS6209-01 Datasheet
113Kb / 6P
DUAL PLL VCXO CLOCK GENERATOR IC
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
DUAL PLL CLOCK GENERATOR IC
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
More results

Similar Description - FS6232-01

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
Clock Generator IC
logo
Integrated Circuit Syst...
ICS2694 ICST-ICS2694 Datasheet
254Kb / 8P
Motherboard Clock Generator
RevA1094
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
64Kb / 7P
Clock generator IC
BU2285FV ROHM-BU2285FV Datasheet
63Kb / 7P
Clock generator IC
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
CLOCK GENERATOR IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
Clock generator IC
PLL205-01 ETC1-PLL205-01 Datasheet
112Kb / 12P
Motherboard Clock Generator for AMD - K7
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
Two Outputs Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com