Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7683BRMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7683BRMZ
Description  16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683BRMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7683BRMZ Datasheet HTML 6Page - Analog Devices AD7683BRMZ Datasheet HTML 7Page - Analog Devices AD7683BRMZ Datasheet HTML 8Page - Analog Devices AD7683BRMZ Datasheet HTML 9Page - Analog Devices AD7683BRMZ Datasheet HTML 10Page - Analog Devices AD7683BRMZ Datasheet HTML 11Page - Analog Devices AD7683BRMZ Datasheet HTML 12Page - Analog Devices AD7683BRMZ Datasheet HTML 13Page - Analog Devices AD7683BRMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
AD7683
Rev. B | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
3
2
1
0
–1
–2
–3
0
16384
32768
49152
65536
CODE
POSITIVE INL = +0.43LSB
NEGATIVE INL = –0.97LSB
Figure 8. Integral Nonlinearity vs. Code
7000
6000
5000
4000
3000
2000
1000
0
79FD 79FE 79FF 7A007A017A027A037A047A057A067A077A08
CODE IN HEX
VDD = REF = 2.5V
00
1
4604
130
00
2755
25440
50
62564
35528
Figure 9. Histogram of a DC Input at the Code Center
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
1020304050
FREQUENCY (kHz)
16384 POINT FFT
VDD = REF = 5V
fS = 100kSPS
fIN = 20.43kHz
SNR = 92.7dB
THD = –105.7dB
SFDR = –106.4dB
Figure 10. FFT Plot
3
2
1
0
–1
–2
–3
0
16384
32768
49152
65536
CODE
POSITIVE DNL = +0.43LSB
NEGATIVE DNL = –0.41LSB
Figure 11. Differential Nonlinearity vs. Code
120000
100000
80000
60000
40000
20000
0
7A0E 7A0F 7A10 7A11 7A12 7A13 7A14 7A15 7A16
CODE IN HEX
006
00
102287
13619
15152
8
VDD = REF = 5V
Figure 12. Histogram of a DC Input at the Code Center
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
102030
4050
FREQUENCY (kHz)
16384 POINT FFT
VDD = REF = 2.5V
fS = 100kSPS
fIN = 20.43kHz
SNR = 88.7dB
THD = –102.6dB
SFDR = –104.6dB
Figure 13. FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com