Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7683BRMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7683BRMZ
Description  16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683BRMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7683BRMZ Datasheet HTML 7Page - Analog Devices AD7683BRMZ Datasheet HTML 8Page - Analog Devices AD7683BRMZ Datasheet HTML 9Page - Analog Devices AD7683BRMZ Datasheet HTML 10Page - Analog Devices AD7683BRMZ Datasheet HTML 11Page - Analog Devices AD7683BRMZ Datasheet HTML 12Page - Analog Devices AD7683BRMZ Datasheet HTML 13Page - Analog Devices AD7683BRMZ Datasheet HTML 14Page - Analog Devices AD7683BRMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD7683
Data Sheet
Rev. B | Page 10 of 16
100
95
90
85
80
17
16
15
14
13
2.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
REFERENCE VOLTAGE (V)
SNR
SINAD
ENOB
Figure 14. SNR, SINAD, and ENOB vs. Reference Voltage
100
95
90
85
80
75
70
0
200
150
100
50
FREQUENCY (kHz)
VREF = 5V, –10dB
VREF = 5V, –1dB
VREF = 2.5V, –1dB
Figure 15. SINAD vs. Frequency
–80
–85
–90
–95
–100
–105
–110
0200
120
160
80
40
FREQUENCY (kHz)
VREF 2.5V = –1dB
VREF 5V = –1dB
Figure 16. THD vs. Frequency
1200
1000
800
600
400
200
0
2.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
SUPPLY (V)
fS = 100kSPS
Figure 17. Operating Current vs. Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com