Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7653TR Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7653TR
Description  Wide Input Voltage Range, 1.3MHz,Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653TR Datasheet(HTML) 2 Page - Sipex Corporation

  SP7653TR Datasheet HTML 1Page - Sipex Corporation SP7653TR Datasheet HTML 2Page - Sipex Corporation SP7653TR Datasheet HTML 3Page - Sipex Corporation SP7653TR Datasheet HTML 4Page - Sipex Corporation SP7653TR Datasheet HTML 5Page - Sipex Corporation SP7653TR Datasheet HTML 6Page - Sipex Corporation SP7653TR Datasheet HTML 7Page - Sipex Corporation SP7653TR Datasheet HTML 8Page - Sipex Corporation SP7653TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Date: 03/25/05
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2005 Sipex Corporation
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: -40°C < TAMB < 85°C, -40°C< Tj< 125°C, 4.5V < VCC < 5.5V, 3V< Vin< 28V, Boost=LX + 5V,
LX = GND = 0Volts, UVIN = 3.0V, CVCC = 1µF, CCOMP = 0.1µF, CSS = 50nF, Typical measured at VCC = 5V.
The ♦ denotes the specifications which apply over the full temperature range, unless otherwise specified.
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
VCC .................................................................................................. 7V
VIN ........................................................................................................................................... 20V
ILX ............................................................................................................................................... 5A
Boost ............................................................................................. 27V
Boost-SWN ....................................................................... -0.3V to 7V
SWN ................................................................................... -1V to 20V
GH ....................................................................... -0.3V to Boost+0.3V
GH-SWN ......................................................................................... 7V
All other pins .......................................................... -0.3V to VCC+0.3V
Storage Temperature .................................................. -65°C to 150°C
Power Dissipation ...................................... Internally Limited via OTP
ESD Rating .......................................................................... 2kV HBM
Thermal Resistance ϑJC .................................................................................... 5°C/W
ABSOLUTE MAXIMUM RATINGS
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
T
N
E
R
R
U
C
T
N
E
C
S
E
I
U
Q
V
C
C
)
g
n
i
h
c
t
i
w
s
o
N
(
t
n
e
r
r
u
C
y
l
p
p
u
S5
.
13
A
mV
B
F
V
9
.
0
=
V
C
C
)
g
n
i
h
c
t
i
w
s
(
t
n
e
r
r
u
C
y
l
p
p
u
S8
A
m
♦
)
g
n
i
h
c
t
i
w
s
o
N
(
t
n
e
r
r
u
C
y
l
p
p
u
S
T
S
B2
.
04
.
0A
mV
B
F
V
9
.
0
=
)
g
n
i
h
c
t
i
w
s
(
t
n
e
r
r
u
C
y
l
p
p
u
S
T
S
B0
.
4A
m
♦
O
L
V
U
:
N
O
I
T
C
E
T
O
R
P
V
C
C
d
l
o
h
s
e
r
h
T
t
r
a
t
S
O
L
V
U0
0
.
45
2
.
45
.
4V
V
C
C
s
i
s
e
r
e
t
s
y
H
O
L
V
U0
0
10
0
20
0
3V
m
d
l
o
h
s
e
r
h
T
t
r
a
t
S
N
I
V
U3
.
25
.
25
6
.
2V
♦
s
i
s
e
r
e
t
s
y
H
N
I
V
U0
0
20
0
30
0
4V
m
t
n
e
r
r
u
C
t
u
p
n
I
N
I
V
U1
A
µV
0
.
3
=
N
I
V
U
E
C
N
E
R
E
F
E
R
R
E
I
F
I
L
P
M
A
R
O
R
R
E
e
c
n
e
r
e
f
e
R
r
e
i
f
il
p
m
A
r
o
r
r
E2
9
7
.
00
0
8
.
08
0
8
.
0V
e
r
u
s
a
e
M
,
.
g
i
f
n
o
C
n
i
a
G
X
2
V
B
F
V
;
C
C
C
º
5
2
=
T
,
V
5
=
e
c
n
e
r
e
f
e
R
r
e
i
f
il
p
m
A
r
o
r
r
E
e
r
u
t
a
r
e
p
m
e
T
d
n
a
e
n
i
L
r
e
v
O
8
8
7
.
00
0
8
.
02
1
8
.
0V
♦
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
i
f
il
p
m
A
r
o
r
r
E6
V
/
A
m
n
i
a
G
r
e
i
f
il
p
m
A
r
o
r
r
E0
6B
dd
a
o
L
o
N
t
n
e
r
r
u
C
k
n
i
S
P
M
O
C0
5
1A
µV
B
F
V
9
.
0
=
P
M
O
C
,
V
9
.
0
=
t
n
e
r
r
u
C
e
c
r
u
o
S
P
M
O
C0
5
1A
µV
B
F
V
2
.
2
=
P
M
O
C
,
V
7
.
0
=
V
B
F
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I0
50
0
2A
nV
B
F
V
8
.
0
=
e
l
o
P
l
a
n
r
e
t
n
I4
z
H
M
p
m
a
l
C
P
M
O
C5
.
2V
V
B
F
C
º
5
2
=
A
T
,
V
7
.
0
=
t
n
e
i
c
i
f
f
e
o
C
.
p
m
e
T
p
m
a
l
C
P
M
O
C2
-C
º
/
V
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com