Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7653TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7653TR
Description  Wide Input Voltage Range, 1.3MHz,Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653TR Datasheet(HTML) 3 Page - Sipex Corporation

  SP7653TR Datasheet HTML 1Page - Sipex Corporation SP7653TR Datasheet HTML 2Page - Sipex Corporation SP7653TR Datasheet HTML 3Page - Sipex Corporation SP7653TR Datasheet HTML 4Page - Sipex Corporation SP7653TR Datasheet HTML 5Page - Sipex Corporation SP7653TR Datasheet HTML 6Page - Sipex Corporation SP7653TR Datasheet HTML 7Page - Sipex Corporation SP7653TR Datasheet HTML 8Page - Sipex Corporation SP7653TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Date: 03/25/05
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2005 Sipex Corporation
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: -40°C < TAMB < 85°C, -40°C< Tj< 125°C, 4.5V < VCC < 5.5V, 3V< Vin< 28V, Boost=LX + 5V,
LX = GND = 0Volts, UVIN = 3.0V, CVCC = 1µF, CCOMP = 0.1µF, CSS = 50nF, Typical measured at VCC = 5V.
The ♦ denotes the specifications which apply over the full temperature range, unless otherwise specified.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
H
T
A
P
Y
A
L
E
D
P
O
O
L
&
P
M
A
R
,
R
O
T
A
R
A
P
M
O
C
M
W
P
:
P
O
O
L
L
O
R
T
N
O
C
e
d
u
t
il
p
m
A
p
m
a
R2
9
.
01
.
18
2
.
1V
t
e
s
f
f
O
P
M
A
R1
.
1V
T
A
P
M
O
C
P
M
A
R
,
C
º
5
2
=
g
n
i
h
c
t
i
w
S
s
t
r
a
t
s
H
G
li
t
n
u
t
n
e
i
c
i
f
f
e
o
C
.
p
m
e
T
t
e
s
f
f
o
P
M
A
R2
-C
º
/
V
m
h
t
d
i
W
e
s
l
u
P
m
u
m
i
n
i
M
H
G0
90
8
1s
n
♦
o
i
t
a
R
y
t
u
D
e
l
b
a
ll
o
r
t
n
o
C
m
u
m
i
x
a
M2
97
9%
o
i
t
a
R
y
t
u
D
m
u
m
i
x
a
M
e
r
o
f
e
b
t
s
u
j
d
e
r
u
s
a
e
M
s
n
i
g
e
b
g
n
i
s
l
u
p
o
i
t
a
R
y
t
u
D
m
u
m
i
x
a
M0
0
1%
s
e
l
c
y
c
0
2
r
o
f
d
il
a
V
o
i
t
a
R
r
o
t
a
ll
i
c
s
O
l
a
n
r
e
t
n
I1
.
13
.
15
.
1z
H
M
♦
T
R
A
T
S
T
F
O
S
:
S
R
E
M
I
T
:
t
n
e
r
r
u
C
e
g
r
a
h
C
S
S0
1A
µ
:
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
S
S1
A
m
♦
V
2
.
0
=
S
S
,
t
n
e
s
e
r
P
t
l
u
a
F
l
a
m
r
e
h
T
&
t
i
u
c
r
i
C
t
r
o
h
S
:
N
O
I
T
C
E
T
O
R
P
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
t
i
u
c
r
i
C
t
r
o
h
S2
.
05
2
.
03
.
0V
♦
V
d
e
r
u
s
a
e
M
F
E
R
-
)
V
8
.
0
(
V
B
F
t
u
o
e
m
i
T
p
u
c
c
i
H0
0
2s
mV
B
F
V
5
.
0
=
s
e
l
c
y
C
k
c
o
l
C
e
l
b
a
w
o
ll
A
f
o
r
e
b
m
u
N
e
l
c
y
C
y
t
u
D
%
0
0
1
t
a
0
2s
e
l
c
y
C
s
e
l
c
y
C
0
2
r
e
t
f
A
e
s
l
u
P
L
G
m
u
m
i
n
i
M5
.
0s
e
l
c
y
CV
B
F
V
7
.
0
=
e
r
u
t
a
r
e
p
m
e
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T5
4
1C
ºV
B
F
V
7
.
0
=
e
r
u
t
a
r
e
p
m
e
T
y
r
e
v
o
c
e
R
l
a
m
r
e
h
T5
3
1C
º
s
i
s
e
r
e
t
s
y
H
l
a
m
r
e
h
T0
1C
º
E
G
A
T
S
R
E
W
O
P
:
T
U
P
T
U
O
R
h
c
t
i
w
S
e
d
i
S
h
g
i
H
N
O
S
D
0
4
Ω
m
V
C
C
I
;
V
5
=
T
U
O
A
3
=
T
B
M
A
C
º
5
2
=
R
h
c
t
i
w
S
e
d
i
s
w
o
L
s
u
o
n
o
r
h
c
n
y
S
N
O
S
D
0
4
Ω
m
V
C
C
I
;
V
5
=
T
U
O
A
3
=
T
B
M
A
C
º
5
2
=
t
n
e
r
r
u
C
t
u
p
t
u
O
m
u
m
i
x
a
M3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com