Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7666ACPR Datasheet(PDF) 20 Page - Analog Devices

Part # AD7666ACPR
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7666ACPR Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7666ACPR Datasheet HTML 16Page - Analog Devices AD7666ACPR Datasheet HTML 17Page - Analog Devices AD7666ACPR Datasheet HTML 18Page - Analog Devices AD7666ACPR Datasheet HTML 19Page - Analog Devices AD7666ACPR Datasheet HTML 20Page - Analog Devices AD7666ACPR Datasheet HTML 21Page - Analog Devices AD7666ACPR Datasheet HTML 22Page - Analog Devices AD7666ACPR Datasheet HTML 23Page - Analog Devices AD7666ACPR Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AD7666
Rev. 0 | Page 19 of 28
•
The noise generated by the driver amplifier needs to be
kept as low as possible in order to preserve the SNR and
transition noise performance of the AD7666. The noise
coming from the driver is filtered by the AD7666 analog
input circuit, 1-pole, low-pass filter made by R1 and C2 or
by the external filter, if one is used. The SNR degradation
due to the amplifier is
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
π
+
=
−
2
3
)
(
2
784
28
log
20
N
dB
LOSS
Ne
f
SNR
where:
f–3dB
is the input bandwidth of the AD7666 (13 MHz) or
the cutoff frequency of the input filter (3.9 MHz), if
one is used.
N
is the noise factor of the amplifier (+1 in buffer
configuration).
eN
is the equivalent input noise voltage of the op amp, in
nV/√Hz.
For instance, a driver with an equivalent input noise of
2 nV/√Hz, like the AD8021 with a noise gain of +1 when
configured as a buffer, degrades the SNR by only 0.13 dB
when using the filter shown in Figure 26, and by 0.43 dB
without the filter shown in Figure 26.
•
The driver needs to have a THD performance suitable to
that of the AD7666. Figure 15 gives the THD versus
frequency that the driver should exceed.
The AD8021 meets these requirements and is appropriate for
almost all applications. The AD8021 needs a 10 pF external
compensation capacitor that should have good linearity as an
NPO ceramic or mica type. Moreover, the use of a noninverting
+1 gain arrangement is recommended and helps to obtain the
best signal-to-noise ratio.
The AD8022 could also be used if a dual version is needed and
gain of 1 is present. The AD829 is an alternative in applications
where high frequency (above 100 kHz) performance is not
required. In gain of 1 applications, it requires an 82 pF
compensation capacitor. The AD8610 is an option when low
bias current is needed in low frequency applications.
Voltage Reference Input
The AD7666 allows the choice of either a very low temperature
drift internal voltage reference or an external 2.5 V reference.
Unlike many ADCs with internal references, the internal
reference of the AD7666 provides excellent performance and
can be used in almost all applications.
To use the internal reference along with the internal buffer,
PDREF and PDBUF should both be LOW. This will produce
1.2 V on REFBUFIN which, amplified by the buffer, will result
in a 2.5 V reference on the REF pin.
The output impedance of REFBUFIN is 11 kΩ (minimum) when
the internal reference is enabled. It is necessary to
decouple
REFBUFIN with a ceramic capacitor greater than 10 nF. Thus
the capacitor provides an RC filter for noise reduction.
To use an external reference along with the internal buffer,
PDREF should be HIGH and PDBUF should be LOW. This
powers down the internal reference and allows the 2.5 V
reference to be applied to REFBUFIN.
To use an external reference directly on REF pin, PDREF and
PDBUF should both be HIGH.
PDREF and PDBUF power down the internal reference and the
internal reference buffer, respectively. Note that the PDREF and
PDBUF input current should never exceed 20 mA. This could
eventually occur when input voltage is above AVDD (for
instance at power up). In this case, a 100 Ω series resistor is
recommended.
The internal reference is temperature compensated to 2.5 V
± 7 mV. The reference is trimmed to provide a typical drift of
3 ppm/°C . This typical drift characteristic is shown in
Figure 22. For improved drift performance, an external
reference, such as the AD780, can be used.
The AD7666 voltage reference input REF has a dynamic input
impedance; it should therefore be driven by a low impedance
source with efficient decoupling between the REF and
REFGND inputs. This decoupling depends on the choice of the
voltage reference, but usually consists of a low ESR tantalum
capacitor connected to REF and REFGND, with minimum
parasitic inductance. A 10 µF (X5R, 1206 size) ceramic chip
capacitor (or 47 µF tantalum capacitor) is appropriate when
using either the internal reference or one of these
recommended reference voltages:
•
The low noise, low temperature drift ADR421 and AD780
•
The low power ADR291
•
The low cost AD1582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com