Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7666ACPR Datasheet(PDF) 26 Page - Analog Devices

Part # AD7666ACPR
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7666ACPR Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7666ACPR Datasheet HTML 21Page - Analog Devices AD7666ACPR Datasheet HTML 22Page - Analog Devices AD7666ACPR Datasheet HTML 23Page - Analog Devices AD7666ACPR Datasheet HTML 24Page - Analog Devices AD7666ACPR Datasheet HTML 25Page - Analog Devices AD7666ACPR Datasheet HTML 26Page - Analog Devices AD7666ACPR Datasheet HTML 27Page - Analog Devices AD7666ACPR Datasheet HTML 28Page - Analog Devices AD7666ACPR Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
AD7666
Rev. 0 | Page 25 of 28
External Discontinuous Clock Data Read After
Conversion
Though the maximum throughput cannot be achieved using
this mode, it is the most recommended of the serial slave
modes. Figure 41 shows the detailed timing diagrams of this
method. After a conversion is complete, indicated by BUSY
returning LOW, the conversion’s result can be read while both
CS and RD are LOW. Data is shifted out MSB first with 16 clock
pulses and is valid on the rising and falling edges of the clock.
Among the advantages of this method is the fact that
conversion performance is not degraded because there are no
voltage transients on the digital interface during the conversion
process. Another advantage is the ability to read the data at any
speed up to 40 MHz, which accommodates both the slow digital
host interface and the fastest serial reading.
Finally, in this mode only, the AD7666 provides a daisy-chain
feature using the RDC/SDIN pin for cascading multiple con-
verters together. This feature is useful for reducing component
count and wiring connections when desired, as, for instance, in
isolated multiconverter applications.
An example of the concatenation of two devices is shown in
Figure 43. Simultaneous sampling is possible by using a
common CNVST signal. It should be noted that the RDC/SDIN
input is latched on the opposite edge of SCLK of the one used to
shift out the data on SDOUT. Therefore, the MSB of the
“upstream” converter just follows the LSB of the “downstream”
converter on the next SCLK cycle.
SCLK
SDOUT
RDC/SDIN
BUSY
BUSY
DATA
OUT
AD7666
#1
(DOWNSTREAM)
BUSY
OUT
SCLK
AD7666
#2
(UPSTREAM)
RDC/SDIN
SDOUT
SCLK IN
CNVST IN
CNVST
CS
CNVST
CS
CS IN
Figure 43. Two AD7666s in a Daisy-Chain Configuration
External Clock Data Read During Conversion
Figure 42 shows the detailed timing diagrams of this method.
During a conversion, while both CS and RD are LOW, the result
of the previous conversion can be read. The data is shifted out
MSB first with 16 clock pulses, and is valid on both the rising
and falling edges of the clock. The 16 bits must be read before
the current conversion is complete; otherwise, RDERROR is
pulsed HIGH and can be used to interrupt the host interface to
prevent incomplete data reading. There is no daisy-chain feature
in this mode and the RDC/SDIN input should always be tied
either HIGH or LOW.
To reduce performance degradation due to digital activity, a fast
discontinuous clock of at least 18 MHz is recommended to
ensure that all the bits are read during the first half of the
conversion phase. It is also possible to begin to read data after
conversion and continue to read the last bits after a new
conversion has been initiated. This allows the use of a slower
clock speed like 14 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com