Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3AIPFP Datasheet(PDF) 16 Page - Texas Instruments

Part # TSB41BA3AIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3AIPFP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSB41BA3AIPFP Datasheet HTML 12Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 13Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 14Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 15Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 17Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 18Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 19Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VDD (see Note 1)
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range at any output, VO
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free air temperature, TA TSB41BA3A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TSB41BA3AI
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential I/O bus voltages, are with respect to network ground.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PFP§
5.05 W
52.5 mW/
°C
2.69 W
1.9 W
PFP¶
3.05 W
31.7 mW/
°C
1.62 W
1.15 W
PFP#
2.01 W
20.3 mW/
°C
1.1 W
1.1 W
GGM||
1.8 W
18.9 mW/
°C
0.95 W
0.67 W
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
§ 2 oz. trace and copper pad with solder.
¶ 2 oz. trace and copper pad without solder.
# For more information, see the Texas Instruments application note PowerPAD  Thermally Enhanced Package,
(SLMA002).
|| Thermal impedance is calculated in accordance with EIA/JEDEC Standard JESD 51-7.
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com