Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3AIPFP Datasheet(PDF) 28 Page - Texas Instruments

Part # TSB41BA3AIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3AIPFP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TSB41BA3AIPFP Datasheet HTML 24Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 25Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 26Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 27Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 28Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 29Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 30Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 31Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power-class programming (continued)
TPA+
TPA−
TPB+
TPB−
Cable Port
CPS
TPBIAS
56
Ω
56
Ω
56
Ω
56
Ω
5 k
Ω
1
µF
400 k
Ω
270 pF
(see Note A)
TSB41BA3A
Cable
Power
Pair
Cable
Pair
A
Cable
Pair
B
Outer Shield
Termination
VP
VG
1 M
Ω
0.1
µF
270
µF
NOTE A: The IEEE Std 1394-1995 calls for a 250-pF capacitor, which is a nonstandard component value. A 270-pF capacitor is recommended.
Figure 4. Typical TP Cable Connections
1 M
Ω
0.001
µF
0.01
µF
Outer Cable Shield
Chassis Ground
Figure 5. Typical DC Isolated Outer Shield Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com