Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC00 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT73LC00
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT73LC00 Datasheet HTML 9Page - Exar Corporation XRT73LC00 Datasheet HTML 10Page - Exar Corporation XRT73LC00 Datasheet HTML 11Page - Exar Corporation XRT73LC00 Datasheet HTML 12Page - Exar Corporation XRT73LC00 Datasheet HTML 13Page - Exar Corporation XRT73LC00 Datasheet HTML 14Page - Exar Corporation XRT73LC00 Datasheet HTML 15Page - Exar Corporation XRT73LC00 Datasheet HTML 16Page - Exar Corporation XRT73LC00 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
áç
áç
áç
áç
XRT73LC00
E3/DS3/STS-1 LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.1
10
41
TTIP
O
Transmit RING Output:
The XRT73LC00 uses this pin along with TRING to transmit a bipolar line signal
via a 1:1 transformer.
NOTE: This output pin along with TRING is tri-stated anytime the TxOFF input
pin or bit-field is set “high”.
42
TxAVDD
-
Transmit Analog Power Supply
43
MRING
I
Monitor Ring Input:
This input pin along with the MTIP pin function as the input pins for the Transmit
Drive Monitor. These two input pins are used to determine whether or not a
bipolar line signal is being output via the TTIP and TRING output pins. The
Transmit Drive Monitor circuit will toggle the DMO output pin “high” denoting a
Transmit Line Fault condition if no bipolar pulses are detected via the TTIP/
TRING output pins for 128 bit-periods.
Connect this input pin to the TRING output pin via a 270 ohm resistor.
NOTE: Tie this input pin to GND if you do not intend to use the Transmit Drive
Monitor.
44
MTIP
I
Monitor Tip Input:
This input pin along with the MRING pin function as the input pins for the Trans-
mit Drive Monitor. These two input pins are to be used to determine whether or
not a bipolar line signal is being output via the TTIP and TRING output pins. The
Transmit Drive Monitor circuit will toggle the DMO output pin “high” denoting a
Transmit Line Fault condition if no bipolar pulses are detected via the TTIP/
TRING output pins for 128 bit periods.
Connect this input pin to the TTIP output pin via a 270 ohm resistor.
NOTE: Tie this input pin to GND if you do not intend to use the Transmit Drive
Monitor.
PIN DESCRIPTION
PIN #SYMBOL
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com