Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC00 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT73LC00
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT73LC00 Datasheet HTML 17Page - Exar Corporation XRT73LC00 Datasheet HTML 18Page - Exar Corporation XRT73LC00 Datasheet HTML 19Page - Exar Corporation XRT73LC00 Datasheet HTML 20Page - Exar Corporation XRT73LC00 Datasheet HTML 21Page - Exar Corporation XRT73LC00 Datasheet HTML 22Page - Exar Corporation XRT73LC00 Datasheet HTML 23Page - Exar Corporation XRT73LC00 Datasheet HTML 24Page - Exar Corporation XRT73LC00 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
áç
áç
áç
áç
XRT73LC00
E3/DS3/STS-1 LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.1
18
NOTES:
1. A4 and A5 are always "0".
2. R/W = "1" for "Read" Operations
3. R/W = "0" for "Write" Operations
A shaded pulse, denotes a “don’t care” value.
FIGURE 8. BELLCORE GR-253-CORE TRANSMIT OUTPUT PULSE TEMPLATE FOR SONET STS-1 APPLICATIONS
STS-1 Pulse Template
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
Time, in UI
Lower Curve
Upper Curve
FIGURE 9. MICROPROCESSOR SERIAL INTERFACE DATA STRUCTURE
D0
D1
D2
0
0
0
D4
D3
High Z
SDO
A0
D0
R/W
D1
A6
0
0
A3
A2
A1
D7
D6
D5
D4
D3
D2
SDI
123456789
10
11
12
13
14
15
16
SClk
CS
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com