Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2413 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2413
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2413 Datasheet HTML 26Page - Linear Technology LTC2413 Datasheet HTML 27Page - Linear Technology LTC2413 Datasheet HTML 28Page - Linear Technology LTC2413 Datasheet HTML 29Page - Linear Technology LTC2413 Datasheet HTML 30Page - Linear Technology LTC2413 Datasheet HTML 31Page - Linear Technology LTC2413 Datasheet HTML 32Page - Linear Technology LTC2413 Datasheet HTML 33Page - Linear Technology LTC2413 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
LTC2413
30
sn2413 2413fs
APPLICATIO S I FOR ATIO
Third, an increase in the frequency of the external oscilla-
tor above 460800Hz (a more than 3
× increaseintheoutput
data rate) will start to decrease the effectiveness of the
internal autocalibration circuits. This will result in a pro-
gressive degradation in the converter accuracy and linear-
ity. Typical measured performance curves for output data
rates up to 100 readings per second are shown in Fig-
Figure 28. Offset Error vs Output Data Rate and Temperature
Figure 29. +FS Error vs Output Data Rate and Temperature
Figure 30. –FS Error vs Output Data Rate and Temperature
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2413 F28
500
450
400
350
300
250
200
150
100
50
0
TA = 85°C
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
VIN = 0V
FO = EXTERNAL OSCILLATOR
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2413 F29
7000
6000
5000
4000
3000
2000
1000
0
TA = 85°C
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = 3.75V
IN – = 1.25V
FO = EXTERNAL OSCILLATOR
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2413 F30
0
–1000
–2000
–3000
–4000
–5000
–6000
–7000
TA = 85°C
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = 1.25V
IN – = 3.75V
FO = EXTERNAL OSCILLATOR
TA = 25°C
ures 28 through 35, inclusive. In order to obtain the
highest possible level of accuracy from this converter at
output data rates above 20 readings per second, the user
is advised to maximize the power supply voltage used and
to limit the maximum ambient operating temperature. In
certain circumstances, a reduction of the differential refer-
ence voltage may be beneficial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com