Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2413 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC2413
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC2413 Datasheet HTML 36Page - Linear Technology LTC2413 Datasheet HTML 37Page - Linear Technology LTC2413 Datasheet HTML 38Page - Linear Technology LTC2413 Datasheet HTML 39Page - Linear Technology LTC2413 Datasheet HTML 40Page - Linear Technology LTC2413 Datasheet HTML 41Page - Linear Technology LTC2413 Datasheet HTML 42Page - Linear Technology LTC2413 Datasheet HTML 43Page - Linear Technology LTC2413 Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
LTC2413
40
sn2413 2413fs
APPLICATIO S I FOR ATIO
Figure 47. Remote Half Bridge Sensing with Noise Suppression on Reference
Figure 46. Remote Half Bridge Interface
2413 F46
REF+
REF–
IN+
IN–
GND
VCC
VS
2.7V TO 5.5V
3
4
5
6
PLATINUM
100
Ω
RTD
R1
25.5k
0.1%
1, 7, 8, 9,
10, 15, 16
2
LTC2413
REF+
REF–
IN–
GND
VCC
5V
3
4
6
2413 F47
1, 7, 8, 9,
10, 15, 16
2
LTC2413
–
+
LTC1050
5V
PLATINUM
100
Ω
RTD
560
Ω
R3
10k
5%
R1
10k, 5%
R2
10k
0.1%
1
µF
IN+
5
10k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com