| Electronic Components Datasheet Search |
|
M29W400BB Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29W400BB Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 25 page ![]() M29W400BT, M29W400BB 12/25 Figure 5. Data Polling Flowchart READ DQ5 & DQ7 at VALID ADDRESS START READ DQ7 at VALID ADDRESS FAIL PASS AI03598 DQ7 = DATA YES NO YES NO DQ5 = 1 DQ7 = DATA YES NO Figure 6. Data Toggle Flowchart READ DQ6 START READ DQ6 TWICE FAIL PASS AI01370B DQ6 = TOGGLE NO NO YES YES DQ5 = 1 NO YES DQ6 = TOGGLE READ DQ5 & DQ6 Erase Timer Bit (DQ3). The Erase Timer Bit can be used to identify the start of Program/Erase Controller operation during a Block Erase com- mand. Once the Program/Erase Controller starts erasing the Erase Timer Bit is set to ’1’. Before the Program/Erase Controller starts the Erase Timer Bit is set to ’0’ and additional blocks to be erased may be written to the Command Interface. The Erase Timer Bit is output on DQ3 when the Status Register is read. Alternative Toggle Bit (DQ2). The Alternative Toggle Bit can be used to monitor the Program/ Erase controller during Erase operations. The Al- ternative Toggle Bit is output on DQ2 when the Status Register is read. During Chip Erase and Block Erase operations the Toggle Bit changes from ’0’ to ’1’ to ’0’, etc., with successive Bus Read operations from addresses within the blocks being erased. Once the operation completes the memory returns to Read mode. During Erase Suspend the Alternative Toggle Bit changes from ’0’ to ’1’ to ’0’, etc. with successive Bus Read operations from addresses within the blocks being erased. Bus Read operations to ad- dresses within blocks not being erased will output the memory cell data as if in Read mode. After an Erase operation that causes the Error Bit to be set the AlternativeToggleBit canbeusedto identify which block or blocks have caused the er- ror. The Alternative Toggle Bit changes from ’0’ to ’1’ to ’0’, etc. with successive Bus Read Opera- tions from addresses within blocks that have not erased correctly. The Alternative Toggle Bit does not change if the addressed block has erased cor- rectly. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |