Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W400BB Datasheet(PDF) 15 Page - STMicroelectronics

Part # M29W400BB
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400BB Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M29W400BB Datasheet HTML 11Page - STMicroelectronics M29W400BB Datasheet HTML 12Page - STMicroelectronics M29W400BB Datasheet HTML 13Page - STMicroelectronics M29W400BB Datasheet HTML 14Page - STMicroelectronics M29W400BB Datasheet HTML 15Page - STMicroelectronics M29W400BB Datasheet HTML 16Page - STMicroelectronics M29W400BB Datasheet HTML 17Page - STMicroelectronics M29W400BB Datasheet HTML 18Page - STMicroelectronics M29W400BB Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15/25
M29W400BT, M29W400BB
Figure 9. Read Mode AC Waveforms
AI02907
tAVAV
tAVQV
tAXQX
tELQX
tEHQZ
tGLQV
tGLQX
tGHQX
VALID
A0-A17/
A–1
G
DQ0-DQ7/
DQ8-DQ15
E
tELQV
tEHQX
tGHQZ
VALID
tBHQV
tELBL/tELBH
tBLQZ
BYTE
Table 14. Read AC Characteristics
(TA = 0 to 70°C or –40 to 85°C)
Note: 1. Sampled only, not 100% tested.
Symbol
Alt
Parameter
Test Condition
M29W400B
Unit
55
70
90 / 120
tAVAV
tRC
Address Valid to Next Address
Valid
E =VIL,
G =VIL
Min
55
70
90
ns
tAVQV
tACC
Address Valid to Output Valid
E =VIL,
G =VIL
Max
55
70
90
ns
tELQX
(1)
tLZ
Chip Enable Low to Output
Transition
G =VIL
Min
0
0
0
ns
tELQV
tCE
Chip Enable Low to Output Valid
G =VIL
Max
55
70
90
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output
Transition
E =VIL
Min
0
0
0
ns
tGLQV
tOE
Output Enable Low to Output Valid
E =VIL
Max
30
30
35
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
G =VIL
Max
20
25
30
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
E =VIL
Max
20
25
30
ns
tEHQX
tGHQX
tAXQX
tOH
Chip Enable, Output Enable or
Address Transition to Output
Transition
Min
0
0
0
ns
tELBL
tELBH
tELFL
tELFH
Chip Enable to BYTE Low or High
Max
5
5
5
ns
tBLQZ
tFLQZ
BYTE Low to Output Hi-Z
Max
25
25
30
ns
tBHQV
tFHQV
BYTE High to Output Valid
Max
30
30
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com