Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52036SP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M52036SP
Description  SYNC SIGNAL PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52036SP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M52036SP Datasheet HTML 3Page - Renesas Technology Corp M52036SP Datasheet HTML 4Page - Renesas Technology Corp M52036SP Datasheet HTML 5Page - Renesas Technology Corp M52036SP Datasheet HTML 6Page - Renesas Technology Corp M52036SP Datasheet HTML 7Page - Renesas Technology Corp M52036SP Datasheet HTML 8Page - Renesas Technology Corp M52036SP Datasheet HTML 9Page - Renesas Technology Corp M52036SP Datasheet HTML 10Page - Renesas Technology Corp M52036SP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
M52036SP
Rev.1.0, Sep.22.2003, page 7 of 13
Logic Table
Table.1 Decoder Logic Output
Output pins
Input to pin 6 HD.COMP
Input to pin 8 VD
1
2
18
19
HD. COMP. (POS)
NON
H
L
L
L
HD. COMP. (POS)
VD (POS)
H
H
L
L
HD. COMP. (POS)
VD (NEG)
H
H
L
H
HD. COMP. (NEG)
NON
H
L
H
L
HD. COMP. (NEG)
VD (POS)
H
H
H
L
HD. COMP. (NEG)
VD (NEG)
H
H
H
H
NON
NON
L
L
L
L
NON
VD (POS)
L
H
L
L
NON
VD (NEG)
L
H
L
H
Table.2 Allowable Amplitude of Input Voltage
Amplitude of input to pin 4
Amplitude of input to pin 6
Amplitude of input to pin 8
Table.3 Output Priority
Input signals (pin)
Output signals (pin)
4 pin
6 pin
8 pin
14 pin
15 pin
13 pin
17 pin
Ο×
×
411
4
ΟΟ×
611
6
Ο×
Ο
48
4
ΟΟΟ
68
6
×××
××
×
×Ο
×
611
6
××Ο
×
8
×
×Ο
Ο
68
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com