Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52036SP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M52036SP
Description  SYNC SIGNAL PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52036SP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M52036SP Datasheet HTML 5Page - Renesas Technology Corp M52036SP Datasheet HTML 6Page - Renesas Technology Corp M52036SP Datasheet HTML 7Page - Renesas Technology Corp M52036SP Datasheet HTML 8Page - Renesas Technology Corp M52036SP Datasheet HTML 9Page - Renesas Technology Corp M52036SP Datasheet HTML 10Page - Renesas Technology Corp M52036SP Datasheet HTML 11Page - Renesas Technology Corp M52036SP Datasheet HTML 12Page - Renesas Technology Corp M52036SP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
M52036SP
Rev.1.0, Sep.22.2003, page 9 of 13
2) Comp Sync/H sync, V sync input
Connect the composite sync input to pin [6]. For the separate sync input, connect H and V to pins[6] and [8]
respectively. The bias and impedance at pins [6] and [8] are 6 V and 10 k
Ω, respectively.
Waveform shaping and polarity detection are performed by a double threshold converter installed inside.
The internal circuit is as shown in Fig.B. The average DC voltage is set to approximately 0.7 V higher and lower
than V2.
Thus, as shown in Fig. A, this processor is energized by an input signal 0.7 Vp-p or over when the duty ratio is
small. On the other hand, approximately 1.4 Vp-p is suitable when the duty ratio is large. Fig. C indicates an
allowable standard value for the input duty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com