Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6294-E/SL Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6294-E/SL
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6294-E/SL Datasheet(HTML) 5 Page - Microchip Technology

  MCP6294-E/SL Datasheet HTML 1Page - Microchip Technology MCP6294-E/SL Datasheet HTML 2Page - Microchip Technology MCP6294-E/SL Datasheet HTML 3Page - Microchip Technology MCP6294-E/SL Datasheet HTML 4Page - Microchip Technology MCP6294-E/SL Datasheet HTML 5Page - Microchip Technology MCP6294-E/SL Datasheet HTML 6Page - Microchip Technology MCP6294-E/SL Datasheet HTML 7Page - Microchip Technology MCP6294-E/SL Datasheet HTML 8Page - Microchip Technology MCP6294-E/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 5
MCP6291/1R/2/3/4/5
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL =10kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Bias Current at
TA =+85 °C.
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 2.4V.
FIGURE 2-4:
Input Offset Voltage Drift.
FIGURE 2-5:
Input Bias Current at
TA = +125 °C.
FIGURE 2-6:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 5.5V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
11%
12%
Input Offset Voltage (mV)
840 Samples
VCM = VSS
0%
5%
10%
15%
20%
25%
30%
35%
40%
0
10
2030
405060
7080
90
100
Input Bias Current (pA)
210 Samples
TA = 85°C
0
50
100
150
200
250
300
350
400
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Common Mode Input Voltage (V)
VDD = 2.4V
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0%
5%
10%
15%
20%
25%
Input Offset Voltage Drift (µV/°C)
840 Samples
VCM = VSS
TA = -40°C to +125°C
0%
5%
10%
15%
20%
25%
30%
Input Bias Current (pA)
210 Samples
TA = +125°C
200
250
300
350
400
450
500
550
600
650
700
750
800
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Common Mode Input Voltage (V)
VDD = 5.5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com